Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA64-16AC Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATMEGA64-16AC
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AC Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATMEGA64-16AC Datasheet HTML 15Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 16Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 17Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 18Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 19Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 20Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 21Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 22Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
ATmega64(L)
2490LS–AVR–10/06
7.
Improved description on how to do a polarity check of the ADC diff results in
“ADC Conversion Result” on page 244.
8.
Updated Programming Figures:
Figure 138 on page 296 and Figure 147 on page 309 are updated to also reflect that
AVCC must be connected during Programming mode. Figure 142 on page 305
added to illustrate how to program the fuses.
9.
Added a note regarding usage of the “PROG_PAGELOAD (0x6)” and
“PROG_PAGEREAD (0x7)” instructions on page 316.
10. Updated “TWI – Two-wire Serial Interface” on page 199.
More details regarding use of the TWI Power-down operation and using the TWI as
master with low TWBRR values are added into the data sheet. Added the note at
the end of the “Bit Rate Generator Unit” on page 205. Added the description at the
end of “Address Match Unit” on page 206.
11. Updated Description of OSCCAL Calibration Byte.
In the data sheet, it was not explained how to take advantage of the calibration
bytes for 2, 4, and 8 MHz Oscillator selections. This is now added in the following
sections:
Improved description of “OSCCAL – Oscillator Calibration Register
(1)” on page 43
and “Calibration Byte” on page 295.
12. When using external clock there are some limitations regards to change of
frequency. This is descried in “External Clock” on page 44 and Table 131 on
page 330.
13. Added a sub section regarding OCD-system and power consumption in the
section “Minimizing Power Consumption” on page 50.
14. Corrected typo (WGM-bit setting) for:
“Fast PWM Mode” on page 100 (Timer/Counter0).
“Phase Correct PWM Mode” on page 102 (Timer/Counter0).
“Fast PWM Mode” on page 153 (Timer/Counter2).
“Phase Correct PWM Mode” on page 155 (Timer/Counter2).
15. Corrected Table 81 on page 193 (USART).
16. Corrected Table 102 on page 264 (Boundary-Scan)


Similar Part No. - ATMEGA64-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64-16AC ATMEL-ATMEGA64-16AC Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA64-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com