Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA64-16AC Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATMEGA64-16AC
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AC Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATMEGA64-16AC Datasheet HTML 15Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 16Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 17Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 18Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 19Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 20Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 21Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 22Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
ATmega64(L)
2490LS–AVR–10/06
5.
Updated code example in “WDTCR – Watchdog Timer Control Register” on
page 58.
6.
Added section “Unconnected Pins” on page 72.
7.
Updated Table 19 on page 53, Table 20 on page 57, Table 95 on page 238, and
Table 60 on page 136.
8.
Updated Figure 116 on page 241.
9.
Updated “Version” on page 257.
10. Updated “DC Characteristics” on page 328.
11. Updated “Typical Characteristics” on page 343.
12. Updated features in“Analog to Digital Converter” on page 232 and Table 136
on page 336.
13. Updated “Ordering Information” on page 14.
Changes from Rev.
2490F-12/03 to Rev.
2490G-03/04
1.
Updated “Errata” on page 17.
Changes from Rev.
2490E-09/03 to Rev.
2490F-12/03
1.
Updated “Calibrated Internal RC Oscillator” on page 43.
Changes from Rev.
2490D-02/03 to Rev.
2490E-09/03
1.
Updated note in “XDIV – XTAL Divide Control Register” on page 39.
2.
Updated “JTAG Interface and On-chip Debug System” on page 51.
3.
Updated “TAP – Test Access Port” on page 250 regarding JTAGEN.
4.
Updated description for the JTD bit on page 260.
5.
Added a note regarding JTAGEN fuse to Table 118 on page 294.
6.
Updated R
PU values in “DC Characteristics” on page 328.
7.
Updated “ADC Characteristics” on page 335.
8.
Added a proposal for solving problems regarding the JTAG instruction
IDCODE in “Errata” on page 17.
Changes from Rev.
2490C-09/02 to Rev.
2490D-02/03
1.
Added reference to Table 124 on page 298 from both SPI Serial Programming
and Self Programming to inform about the Flash page size.
2.
Added Chip Erase as a first step under “Programming the Flash” on page 325
and “Programming the EEPROM” on page 326.


Similar Part No. - ATMEGA64-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64-16AC ATMEL-ATMEGA64-16AC Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA64-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com