Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA64-16AC Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATMEGA64-16AC
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AC Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATMEGA64-16AC Datasheet HTML 10Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 11Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 12Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 13Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 14Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 15Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 16Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 17Page - ATMEL Corporation ATMEGA64-16AC Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
ATmega64(L)
2490LS–AVR–10/06
Ordering Information
Note:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS direc-
tive). Also Halide free and fully Green.
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
8
2.7 - 5.5
ATmega64L-8AC
ATmega64L-8MC
64A
64M1
Commercial
(0°C to 70°C)
ATmega64L-8AI
ATmega64L-8MI
ATmega64L-8AU(2)
ATmega64L-8MU(2)
64A
64M1
64A
64M1
Industrial
(-40°C to 85°C)
16
4.5 - 5.5
ATmega64-16AC
ATmega64-16MC
64A
64M1
Commercial
(0°C to 70°C)
ATmega64-16AI
ATmega64-16MI
ATmega64-16AU(2)
ATmega64-16MU(2)
64A
64M1
64A
64M1
Industrial
(-40°C to 85°C)
Package Type
64A
64-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
64M1
64-pad, 9 x 9 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)


Similar Part No. - ATMEGA64-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64-16AC ATMEL-ATMEGA64-16AC Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA64-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com