Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 17 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 17 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 13Page - Schneider Electric GVAP416 Datasheet HTML 14Page - Schneider Electric GVAP416 Datasheet HTML 15Page - Schneider Electric GVAP416 Datasheet HTML 16Page - Schneider Electric GVAP416 Datasheet HTML 17Page - Schneider Electric GVAP416 Datasheet HTML 18Page - Schneider Electric GVAP416 Datasheet HTML 19Page - Schneider Electric GVAP416 Datasheet HTML 20Page - Schneider Electric GVAP416 Datasheet HTML 21Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
17
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV7 ACCESSORIES
Standard manual controllers and protectors include terminal and device mounting hardware. Cable
clamps and accessories should be selected from the table below.
Terminal shields cannot be used together with phase barriers.
The kit comprises links, a protective shield and a depth adjustable metal bracket for the breaker.
Cabling Accessories
Description
Application
Sold in
Lots Of
For Contactor
Catalog Number
Weight / kg (lbs)
Clip-On Connectors
For GV7R
•40 through GV7R•150,
1.5–95 mm2 (#14 to # 3/0 awg).
3—
GV7AC021
0.300 (0.66)
For GV7R
•220
1.5–185 mm2 (#14 to 350 mcm).
3—
GV7AC022
0.350 (0.77)
Spreaders
To increase the center line distance between phase to 45 mm.
3
GV7AC03
0.180 (0.40)
Terminal Shields IP 405 ▲
Supplied with the sealing accessory.
1
GV7AC01
0.125 (0.28)
Phase Barriers ▲
Provides maximum phase separation at the power connection points.
2
GV7AC04
0.075 (0.17)
Insulating Screens
Provides insulation between the connections and the backplate.
2
GV7AC05
0.075 (0.17)
Kit for combination with
contactor ▼
Providing a direct link between the starter and the contactor, the cover
provides protection against direct finger contact.
1
LC1F115 to F185
GV7AC06
0.550 (1.21)
1
LC1F225 and F265
GV7AC07
0.550 (1.21)
1
LC1D115 and D150
GV7AC08
0.550 (1.21)
GV7AC03
GV7AC01
GV7AC02
GV7AC04
GV7RE, RS
GV7AC01
GV7AC04
05/04


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com