Electronic Components Datasheet Search |
|
GVAP416 Datasheet(PDF) 16 Page - Schneider Electric |
|
|
GVAP416 Datasheet(HTML) 16 Page - Schneider Electric |
16 / 64 page Manual Motor Starters, Controllers, and Protectors Accessories Selection © 2001-2002 Schneider Electric All Rights Reserved 16 10/02 GV3 ACCESSORIES AND ENCLOSURES Description Characteristics Voltage Sold in Lots Of Catalog Number Weight / kg (lbs) Voltage trips (1) (internal mount) Under voltage trips 110, 120, 127 V 50 Hz 120, 127 V 60 Hz 1 GV3B11 0.070 (0.15) 220, 240 V 50 Hz 240, 277 V 60 Hz 1 GV3B22 0.070 (0.15) 380, 415 V 50 Hz 480 V 60 Hz 1 GV3B38 0.070 (0.15) Shunt trips 110, 120, 127 V 50 Hz 120, 127 V 60 Hz 1 GV3D11 0.070 (0.15) 220, 240 V 50 Hz 240, 277 V 60 Hz 1 GV3D22 0.070 (0.15) 380, 415 V 50 Hz 480 V 60 Hz 1 GV3D38 0.070 (0.15) Instantaneous auxiliary contact blocks Normal early break type contacts N.C. + N.O. 1 GV3A01 0.060 (0.13) (1 per GV3) (side-mounted) N.O. + N.O. 1 GV3A02 0.060 (0.13) N.C. + N.O. + N.O. 1 GV3A03 0.070 (0.15) N.O. + N.O. + N.O. 1 GV3A05 0.070 (0.15) N.O. + N.O. + 2 spare terminal blocks 1 GV3A06 0.070 (0.15) N.C. + N.O. + 2 spare terminal blocks 1 GV3A07 0.070 (0.15) Fault signalling contacts (1) N.C. 1 GV3A08 0.030 (0.70) (internal mount) N.O. 1 GV3A09 0.030 (0.70) Padlocking device for Start button 5 GV1V02 0.010 (0.01) (1) only 1 voltage trip OR 1 fault signalling contact may be added inside the GV3 device. Metal Enclosure Application Type Degree of Protection of Enclosure Catalog Number Weight / kg (lbs) For GV3 with or without accessories Surface mounting IP 55 GV3CE01 2.000 (4.41) Enclosure Accessories (to be ordered separately) Description Reference Characteristics Sold in Lots Of Catalog Number Weight / kg (lbs) Neutral terminal, 2-pole LA9D40959 0.001 (0.01) IP 55 padlocking device for operators (when padlocked, the motor circuit is automatically in the Open (OFF) position) GV1V01 0.044 (0.10) Mushroom head “stop” pushbutton (2) Ø 40 mm, red Spring return 1 GV1K01 0.052 (0.11) Latching Key release (key #455) 1 GV1K02 0.095 (0.21) Turn to release 1 GV1K03 0.052 (0.11) Sealing screw for enclosure cover DE1DS4091 0.001 (0.01) (2) Supplied with IP 55 sealing kit. GV3B GV1A01 GV3CE01 GV3CE01 GV3CE01 |
Similar Part No. - GVAP416 |
|
Similar Description - GVAP416 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |