Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 15 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 15 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 11Page - Schneider Electric GVAP416 Datasheet HTML 12Page - Schneider Electric GVAP416 Datasheet HTML 13Page - Schneider Electric GVAP416 Datasheet HTML 14Page - Schneider Electric GVAP416 Datasheet HTML 15Page - Schneider Electric GVAP416 Datasheet HTML 16Page - Schneider Electric GVAP416 Datasheet HTML 17Page - Schneider Electric GVAP416 Datasheet HTML 18Page - Schneider Electric GVAP416 Datasheet HTML 19Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
15
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2ME Enclosures
Application
Type
Degree of Protection
of Enclosure
Catalog Number
Weight / kg (lbs)
For GV2ME manual starters and
protectors with or without accessories
(maximum of 1 accessory on right and
left for GV2MC and GV2MP01 or
MP02, 1 accessory only on right for
GV2MP03 and GV2MP04)
Surface mounting,
double insulated with
protective (saleable) cover.
IP 41
GV2MC01
0.290 (0.64)
IP 55
GV2MC02
0.300 (0.66)
IP 55 for
temperature < + 5 °C (41 °F)
GV2MC03
0.300 (0.66)
Flush with protective cover.
IP 41 (full size) mounting
GV2MP01
0.115 (0.25)
IP 41 (reduced size)
GV2MP03
0.115 (0.25)
IP 55 (full size)
GV2MP02
0.130 (0.29)
IP 55 (reduced size)
GV2MP04
0.130 (0.29)
Front Plate
Application
Degree of Protection
of Enclosure
Sold in Lots Of
Catalog
Number
Weight / kg (lbs)
Padlocking device (1)
for GV2M operator
(padlocking is only
possible in the “O”
position)
1
GV2V01
0.075 (0.17)
Mushroom head “stop”
pushbutton (1) Ø 40
mm, red
Spring return
1
GV2K011
0.052 (0.11)
Latching
Key release (key #455)
1
GV2K021
0.100 (0.22)
Turn to release
1
GV2K031
0.052 (0.11)
Latching/Padlockable
Turn to release
1
GV2K04
0.120 (0.26)
Sealing kit
For enclosures
and front plate
IP 55
10
GV2E01
0.120 (0.26)
IP 55 for
temperature < + 5 °C (41 °F)
10
GV2E02
0.120 (0.26)
Neutral link
10
GV2N01
0.030 (0.06)
Description
Voltage
Color
Sold in Lots Of
Catalog
Number
Weight / kg (lbs)
Neon indicator light (2)
110 V
Green
10
GV2SN13
0.019 (0.06)
Red
10
GV2SN14
0.019 (0.06)
Orange
10
GV2SN15
0.019 (0.06)
Clear
10
GV2SN17
0.019 (0.06)
220/240 V
Green
10
GV2SN23
0.019 (0.06)
Red
10
GV2SN24
0.019 (0.06)
Orange
10
GV2SN25
0.019 (0.06)
Clear
10
GV2SN27
0.019 (0.06)
380/440 V
Green
10
GV2SN33
0.019 (0.06)
Red
10
GV2SN34
0.019 (0.06)
Orange
10
GV2SN35
0.019 (0.06)
Clear
10
GV2SN37
0.019 (0.06)
(1) Supplied with IP 55 sealing kit.
(2) Leads are approximately 9.5" (260 mm).


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com