Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 13 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 13 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 9Page - Schneider Electric GVAP416 Datasheet HTML 10Page - Schneider Electric GVAP416 Datasheet HTML 11Page - Schneider Electric GVAP416 Datasheet HTML 12Page - Schneider Electric GVAP416 Datasheet HTML 13Page - Schneider Electric GVAP416 Datasheet HTML 14Page - Schneider Electric GVAP416 Datasheet HTML 15Page - Schneider Electric GVAP416 Datasheet HTML 16Page - Schneider Electric GVAP416 Datasheet HTML 17Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
13
10/02
© 2001-2002 Schneider Electric All Rights Reserved
Mounting Accessories
Description
Application
Sold in Lots Of
Catalog Number
Weight / kg (lbs)
Motor starter adaptor plate
With 3-pole connection for
mounting of a GV2 and an
LC1-D09 to D25 contactor
10
GK2AF01
0.120 (0.26)
Adaptor plate
For screw mounting of a
GV2ME or LS1D30
10
GV2AF02
0.021 (0.05)
For mounting GV2ME or
GV2P and LC1D09 through
LC1D32 contactor with front
faces aligned.
1
LAD31
0.040 (0.09)
Mounting bracket
For mounting GV2ME or
GV2P and LC1D09 through
LC1D38 on common base
using 2 din rails.
1
LAD311
0.080 (0.18)
7.5 mm height compensation plate
To allow GV2ME and GV2P
to be mounted on a common
busbar
10
GV1F03
0.003 (0.01)
Combination block
Between GV2ME, LS1D30
and LC1K or LP1K contactor
10
GV2AF01
0.020 (0.04)
Between GV2, LS1D30 and
contactor LC1D09 to D38
10
GV2AF3
0.016 (0.03)
Between GV2/LS1D30
mounted on LAD31 and
contactor LC1D09 to D38
10
GV2AF4
0.016 (0.03)
Wiring Accessories
Description
Number of GVs
to be Mounted
Number of Side
Mounted-Auxiliary
Blocks on Each
GV Starter
Busbar
Pitch (mm)
Sold in
Lots Of
Catalog
Number
Weight /
kg (lbs)
Sets of 3-pole, 63 A
busbars
2
none
45
1
GV2G245
0.036 (0.08)
1 GV2AN, AM, AD
54
1
GV2G254
0.038 (0.84)
1 or 2 GV2AN, AM, AD;
or 1 GV2AS, AU
72
1
GV2G272
0.042 (0.09)
3
None
45
1
GV2G345
0.052 (0.12)
1 GV2AN, AM, AD
54
1
GV2G354
0.060 (0.13)
4
None
45
1
GV2G445
0.077 (0.17)
1 GV2AN, AM, AD
54
1
GV2G454
0.085 (0.19)
1 or 2 GV2AN, AM, AD;
or 1 GV2AS, AU
72
1
GV2G472
0.094 (0.21)
5
1 GV2AN, AM, AD
54
1
GV2G554
0.100 (0.22)
Description
Application
Sold in
Lots Of
Catalog
Number
Weight /
kg (lbs)
Protective end cover
For unused busbar outlets
5
GV1G10
0.005 (0.02)
Terminal blocks for
supply to one or more
GV2G• busbar sets
Connection from the top
1
GV1G09
0.040 (0.09)
Connection from bottom can be fitted with a GV1L3 current limiter
1
GV2G05
0.115 (0.25)
Cover for terminal block
For mounting in modular panels
10
LA9E07
0.005 (0.01)
Flexible 3-pole
connector
For connecting a GV2 / LS1D30 to an LC1D09 to D25 contactor (AC coil)
10
GV1G02
0.013 (0.03)
Clip-in marker holders
(supplied with each
motor starter)
For GV2P (0.31 x 0.87 in)
(8 x 22 mm)
100
LA9D92
0.001 (0.02)
Incoming line insulator
For GV2P when in UL508 Type E applications
10
GV2GH7
0.020 (0.04)
Padlockable External Operator
Description
Catalog Number
Weight / kg (lbs)
For GV2P
(6.0 to 11.4 in)
(150 to 290 mm)
Black handle, blue legend plate
GV2AP01
0.200 (0.44)
Red handle, yellow legend plate
GV2AP02
0.200 (0.44)
Padlocking Device
For all GV2 devices
6 padlocks, Ø 6 mm shank max.
(padlock not supplied)
GV2V03
0.130 (0.29)
GV2GH7
LAD31
LAD311
GV2AF3 / GV2AF4


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com