Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 11 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 11 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 7Page - Schneider Electric GVAP416 Datasheet HTML 8Page - Schneider Electric GVAP416 Datasheet HTML 9Page - Schneider Electric GVAP416 Datasheet HTML 10Page - Schneider Electric GVAP416 Datasheet HTML 11Page - Schneider Electric GVAP416 Datasheet HTML 12Page - Schneider Electric GVAP416 Datasheet HTML 13Page - Schneider Electric GVAP416 Datasheet HTML 14Page - Schneider Electric GVAP416 Datasheet HTML 15Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
11
10/02
© 2001-2002 Schneider Electric All Rights Reserved
(1) To order an undervoltage trip: replace the dot (p) with a U, example: GVAU025. To order a shunt trip: replace the dot (p) with an S, example: GVAS025.
(2) Visible isolation of the 3 poles upstream of circuit-breaker GV2P and GV2L.
(3) Mounting of a GVAE contact block or a GV2AK00 visible isolation block on GV2P and GV2L.
Electric Trips
Description
Voltage
Hz
Catalog Number
Weight lb (kg)
Undervoltage or shunt trips (1)
Side
(1 block on RH side
of GV2)
24 V
50 Hz
GVAp025
0.23 (0.105)
60 Hz
GVAp026
0.23 (0.105)
48 V
50 Hz
GVAp055
0.23 (0.105)
60 Hz
GVAp056
0.23 (0.105)
100 V
50 Hz
GVAp107
0.23 (0.105)
100…110 V
60 Hz
GVAp107
0.23 (0.105)
110…115 V
50 Hz
GVAp115
0.23 (0.105)
60 Hz
GVAp116
0.23 (0.105)
120…127 V
50 Hz
GVAp125
0.23 (0.105)
127 V
60 Hz
GVAp115
0.23 (0.105)
200 V
50 Hz
GVAp207
0.23 (0.105)
200 V…220 V
60 Hz
GVAp207
0.23 (0.105)
220 V…240 V
50 Hz
GVAp225
0.23 (0.105)
60 Hz
GVAp226
0.23 (0.105)
380 V…400 V
50 Hz
GVAp385
0.23 (0.105)
60 Hz
GVAp386
0.23 (0.105)
415 V…440 V
50 Hz
GVAp415
0.23 (0.105)
415 V
60 Hz
GVAp416
0.23 (0.105)
440 V
60 Hz
GVAp385
0.23 (0.105)
480 V
60 Hz
GVAp415
0.23 (0.105)
500 V
50 Hz
GVAp505
0.23 (0.105)
600 V
60 Hz
GVAp505
0.23 (0.105)
Undervoltage trip, INRS (can only be mounted on GV2-ME)
Safety device for dangerous machines, conforming to INRS and VDE 0113
Side
(1 block on RH side
of GV2)
110…115 V
50 Hz
GVAX115
0.24 (0.110)
60 Hz
GVAX116
0.24 (0.110)
127 V
60 Hz
GVAX115
0.24 (0.110)
220…240 V
50 Hz
GVAX225
0.24 (0.110)
60 Hz
GVAX226
0.24 (0.110)
380…400 V
50 Hz
GVAX385
0.24 (0.110)
60 Hz
GVAX386
0.24 (0.110)
415…440 V
50 Hz
GVAX415
0.24 (0.110)
440 V
60 Hz
GVAX385
0.24 (0.110)
Add-on contact blocks
Description
Mounting
Maximum number
Catalog Number
Weight lb (kg)
Visible isolation block (2)
Front (3)
1
GV2AK00
0.33 (0.150)
Limiters
At top (GV2ME and GV2P)
1
GV1L3
0.29 (0.130)
Independent
1
LA9LB920
0.70 (0.320)
Fuse Holder, 30 amp maximum
Description
For Fuse Type
For Use In
Sold in
Lots of
Catalog Number
Weight
lb (kg)
Screw clamp terminals, 3-pole
CC, KTK-R 0.41 X 1.5 (10.3 X 38 mm)
US Markets
1
LS1D30
0.5 (0.23)
Spring Terminals, 3-pole
CC, KTK-R 0.41 X 1.5 (10.3 X 38 mm)
US Markets
1
LS1D303
0.5 (0.23)
Screw clamp terminals, 3-pole
aM, gG 0.39 X 1.5 (10 X 38 mm)
European Markets
1
LS1D32
0.5 (0.23)
Sprint terminals, 3-pole
aM, gG 0.39 X 1.5 (10 X 38 mm)
European Markets
1
LS1D323
0.5 (0.23)
Screw clamp terminals, 4-pole
aM, gG 0.39 X 1.5 (10 X 38 mm)
European Markets
1
LS1DT32
0.5 (0.23)


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com