Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 7 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 7 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 3Page - Schneider Electric GVAP416 Datasheet HTML 4Page - Schneider Electric GVAP416 Datasheet HTML 5Page - Schneider Electric GVAP416 Datasheet HTML 6Page - Schneider Electric GVAP416 Datasheet HTML 7Page - Schneider Electric GVAP416 Datasheet HTML 8Page - Schneider Electric GVAP416 Datasheet HTML 9Page - Schneider Electric GVAP416 Datasheet HTML 10Page - Schneider Electric GVAP416 Datasheet HTML 11Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
General Information
7
10/02
© 2001-2002 Schneider Electric All Rights Reserved
FUSE AND CIRCUIT BREAKER SELECTION
Selecting the proper upstream short circuit protection for Group Motor installations can sometimes be
a confusing process. Specific National Electric Code rules must be applied for Group Motor installations.
The examples below illustrate the most common applications of GV manual starters with upstream short
circuit protection in a Group Motor installation. Refer to NEC Section 430-53 C and D for proper
conductor ampacity selection.
NOTE: Examples below show full load currents that may not be typical. Use actual motor nameplate
date for determining actual values.
Example 1:
Eight motors with the sizes shown below are installed on a conveying system. Choose the correct GV
manual starter and the proper size short circuit protection for this application. The user prefers time-
delay fuses.
One GV2M14, two GV2M10, and five GV2M08 manual starters would be selected for this group motor
installation.
Per N.E.C. section 430-52 & -53 and N.E.C. table 430-152, the time-delay fuse must be sized as follows:
175% FLA for largest motor + sum of FLAs for all other motors
==> (1.75 x 7.6) + (2 x 4.8) + (5 x 3.4) = 39.9 A
N.E.C. 430-52 allows use of the next largest standard size fuse — which in this case is 40 A. If nuisance
tripping is a problem with this fuse selection, N.E.C. does allow 225% of largest motor FLA to be used
in lieu of 175% when calculating the size. In this case, the calculation would be as follows:
(2.25 x 7.6) + (2 x 4.8) + (5 x 3.4) = 43.7 A
The next largest standard size in this case is a 45 A fuse.
Example 2:
Ten motors with the sizes shown below are installed on a packaging machine. Choose the proper size
circuit breaker for this application.
Per N.E.C. section 430-52 & -53 and N.E.C. table 430-152, the circuit breaker must be sized as follows:
250% FLA for largest motor + sum of FLAs for all other motors
==> (2.5 x 14) + 14 +7.6 + (2 x 4.8) + (5 x 3.4) = 83.2 A
The next largest standard size circuit breaker is 90 A.
If nuisance tripping is a problem, N.E.C. allows for circuit breaker sizes that “shall in no case exceed
400% for full load currents of 100 amps or less, or 300% for full load current greater than 100 amps”.
In this case:
(4.0 x 14) + 14 +7.6 + (2 x 4.8) + (5 x 3.4) = 104.2 A
The next largest standard size in this case is a 110 A circuit breaker.
Motor Qty
HP
Voltage
FLA
1
5
460
7.6
2
3
460
4.8
5
2
460
3.4
Motor Qty
HP
Voltage
FLA
2
10
460
14
15
460
7.6
23
460
4.8
52
460
3.4
Disconnect
Fuse or
Circuit Breaker
GV2 Manual Motor Starter
D-Line or K-Line Contactor
Motor


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com