Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 6 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 6 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 2Page - Schneider Electric GVAP416 Datasheet HTML 3Page - Schneider Electric GVAP416 Datasheet HTML 4Page - Schneider Electric GVAP416 Datasheet HTML 5Page - Schneider Electric GVAP416 Datasheet HTML 6Page - Schneider Electric GVAP416 Datasheet HTML 7Page - Schneider Electric GVAP416 Datasheet HTML 8Page - Schneider Electric GVAP416 Datasheet HTML 9Page - Schneider Electric GVAP416 Datasheet HTML 10Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
General Information
© 2001-2002 Schneider Electric All Rights Reserved
6
10/02
GROUP INSTALLATION SHORT CIRCUIT CURRENT
The GV2/GV3/GV7 devices are UL 508 listed, Manual Motor Controllers for use in group installations.
If each motor in the grouping is controlled by a GV2/GV3/GV7 device, only one branch circuit protective
device (circuit breaker or fusing) is necessary for the entire group per NEC 430-53c, provided that:
• The controller is UL listed for group installation
• The overload device is UL listed for group installation
Refer to the table below to determine the maximum RMS short circuit current capacity for the GV2/GV3/
GV7. The GV1L3 current limiter module may be used to increase the maximum RMS short circuit
current values for the GV2M14-M32.
The maximum RMS short circuit current rating for the complete group installation is determined by the
individual GV device with the lowest RMS short circuit current value.
For example: a group installation uses a GV2M08, GV2M16 and GV2M22. The respective maximum
RMS short circuit values @ 480 V, without the use of a GV1L3 current limiter module, are: 50 kA, 25 kA
and 10 kA. Therefore, the group installation has a maximum RMS short circuit value of 10 kA.
When used with GV1L3 Current Limiter Max kA RMS at 480 V is 50 kA and at 600 V 30 kA.
For Spring terminals add 3 to the catalog number. Example: GV2ME013.
UL Maximum RMS Short Circuit Current
Current
Range (A)
GV2 ■
Max RMS, kA
GV2
Max RMS, kA
GV3
Max RMS, kA
GV7
Max RMS, kA
GV7
Max RMS, kA
480 V
600 V
480 V
600 V
480 V
600 V
240/480 V
600 V
240/480 V
600 V
0.1 - 0.16
ME01
50
30
P01
50
30
0.16 - 0.25
ME02
50
30
P02
50
30
0.25 - 0.40
ME03
50
30
P03
50
30
0.40 - 0.63
ME04
50
30
P04
50
30
0.63 - 1.0
ME05
50
30
P05
50
30
1.0 - 1.6
ME06
50
30
P06
50
30
ME06
50
23
1.6 - 2.5
ME07
50
30
P07
50
30
ME07
50
23
2.5 - 4.0
ME08
50
30
P08
50
30
ME08
50
23
4.0 - 6.3
ME10
50
30
P10
50
30
ME10
50
23
6 - 10
ME14
30
30
P14
50
30
ME14
50
23
9 - 14
ME16
25
10
P16
50
18
10 - 16
ME20
50
23
13 - 18
ME20
25
10
P20
50
18
16 - 25
ME25
50
23
17 - 23
ME21
10
10
P21
50
18
20 - 25
ME22
10
10
P22
50
18
24 - 32
ME32
10
10
P32
50
18
12 - 20
RE20
25
10
RS20
65
10
15 - 25
RE25
25
12
RS25
65
10
25 - 40
ME40
50
23
RE40
25
10
RS40
65
10
30 - 50
RE50
25
10
RS50
65
10
40 - 63
ME63
50
23
48 - 80
RE80
25
10
RS80
65
10
60 -100
RE100
25
10
RS100
65
10
90 - 150
——
———
RE150
25
10
RS150
65
10
132 - 220
RE220
25
10
RS220
65
10


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com