Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 52 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 52 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 48Page - Schneider Electric GVAP416 Datasheet HTML 49Page - Schneider Electric GVAP416 Datasheet HTML 50Page - Schneider Electric GVAP416 Datasheet HTML 51Page - Schneider Electric GVAP416 Datasheet HTML 52Page - Schneider Electric GVAP416 Datasheet HTML 53Page - Schneider Electric GVAP416 Datasheet HTML 54Page - Schneider Electric GVAP416 Datasheet HTML 55Page - Schneider Electric GVAP416 Datasheet HTML 56Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Dimensions
© 2001-2002 Schneider Electric All Rights Reserved
52
10/02
GV2 MOUNTING DIMENSIONS (CONTINUED)
Sets of Busbars GV2G445, GV2G454, GV2G472 with Terminal Block GV2G05
lp
GV2G454 (0.16 x 2.1 in/4 x 54 mm)
8.1 in (206 mm)
2.1 in (54 mm)
GV2G445 (0.16 x 1.8 in/4 x 45 mm)
7.0 in (179 mm)
1.8 in (45 mm)
GV2G472 (0.16 x 2.8 in/4 x 72 mm)
10.2 in (260 mm)
2.8 in (72 mm)
a
No. of Taps
5
6
7
8
GV2G454
10.2 in (260 mm)
12.4 in (314 mm)
14.5 in (368 mm)
16.6 in (422 mm)
GV2G445
8.8 in (224 mm)
10.6 in (269 mm)
12.4 in (314 mm)
14.1 in (359 mm)
GV2G472
13.1 in (332 mm)
15.9 in (404 mm)
18.7 in (476 mm)
21.6 in (548 mm)
Sets of Busbars with Terminal Block GV1G09
Sets of Busbars GV2G245, GV2G254, GV2G272
I
GV2G254 (0.08 x 2.1 in/2 x 54 mm)
3.9 in (98 mm)
GV2G245 (0.08 x 1.8 in/2 x 45 mm)
3.5 in (89 mm)
GV2G272 (0.08 x 2.8 in/2 x 72 mm)
4.6 in (116 mm)
Set of Busbars GV2G554
Set of Busbars GV2G354
l
3
.12
a
p
45
1.8
l
260
10.2
152
6.0
Dual Dimensions
inches
mm


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com