Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 51 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 51 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 47Page - Schneider Electric GVAP416 Datasheet HTML 48Page - Schneider Electric GVAP416 Datasheet HTML 49Page - Schneider Electric GVAP416 Datasheet HTML 50Page - Schneider Electric GVAP416 Datasheet HTML 51Page - Schneider Electric GVAP416 Datasheet HTML 52Page - Schneider Electric GVAP416 Datasheet HTML 53Page - Schneider Electric GVAP416 Datasheet HTML 54Page - Schneider Electric GVAP416 Datasheet HTML 55Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Dimensions
51
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2 MOUNTING DIMENSIONS (CONTINUED)
GV2-AF4 + LAD-31
Combination GV2-ME + D range contactor
Combination GV2-P + D range contactor
GV2-ME +
LC2-D09 to D18
LC2-D25 and D32
GV2-P +
LC2-D09 to D18
LC2-D25 and D32
b
7.4 (188.6)
7.8 (199)
b
6.61 (169.1)
7.9 (199.5)
c1
3.6 (92.7)
3.9 (99)
c1
4.6 (116.8)
4.6 (116.8)
c
3.9 (98.2)
4.11 (104.5)
c
4.8 (122.3)
4.8 (122.3)
d1
3.9 (98.3)
3.9 (98.3)
d
4.1 (103.8)
1.4 (103.8)
Mounting of External Operator GV2AP01 or GV2AP02
Door Cut-out
(1) 135 mm min., 284 mm max. with operating rod uncut, 88 with operating rod cut.
Surface Mounting Enclosure GV2MC0
Front Plate GV2CP21
(1) 4 knock-outs for 0.63 " / 16 mm plastic cable glands or n
° 16 conduit
Flush Mounting Enclosure GV2MP0
• (bracket cut-out dimensions)
GV2MP0
GV2MP01, MP02
GV2MP03
GV2
a
a1
MP01, MP02
2.8 " (71 mm)
MP03, MP04
2.8 " (71 mm)
3.4 " (86 mm)
c1
c
d1
d
45
45
c1
c
1.5-5
53
(1)
6
2.1
.06-20
.24
5.2
==
.20
54
2.1
=
=
4x3.5
4x0.14
43
1.7
84
(1) 2x5.3x6.3
2x0.21x0.25
93
=
=
3.3
3.7
1-4
12
76
93
7.5
==
2x3.3
2x0.13
17
0.70
.47
.04-16
3.0
0 .30
3.7
1-6
.04-.24
a1
12
a
.47
=
93.5
3.7
=
106.5
4.2
71
2.8
93
3.7
6.5
.26
==
Dual Dimensions
inches
mm


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com