Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 50 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 50 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 46Page - Schneider Electric GVAP416 Datasheet HTML 47Page - Schneider Electric GVAP416 Datasheet HTML 48Page - Schneider Electric GVAP416 Datasheet HTML 49Page - Schneider Electric GVAP416 Datasheet HTML 50Page - Schneider Electric GVAP416 Datasheet HTML 51Page - Schneider Electric GVAP416 Datasheet HTML 52Page - Schneider Electric GVAP416 Datasheet HTML 53Page - Schneider Electric GVAP416 Datasheet HTML 54Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Dimensions
© 2001-2002 Schneider Electric All Rights Reserved
50
10/02
GV2 MOUNTING DIMENSIONS
GV2ME
GV2AD, AM AN, AU, AS, AX
GV2AE
LS1D30
X1 Electrical clearance = 1.8" (40 mm) for Ue
≤ 690 V
GV2P
GV2AD, AM, AN, AU, AS
GV2AK00
X2 = 1.8" (40 mm)
X1 Electrical clearance = 1.8" (40 mm) for Ue
≤ 415 V, or 3.2" (80 mm) for Ue = 440 V, or 4.7" (120 mm) for Ue = 500 and 690 V
Mounting of GV2M
On Panel with Adaptor Plate GV2AF02
On 1.4" (35 mm) rail
C = 78.5 on AM1DP200 (35 x 7.5)
C = 86 on AM1DE200, ED200 (35 x 15)
On Pre-slotted
Mounting Plate AM1PA
On Mounting Rail DZ5MB201
Mounting of GV2P
On Panel
On 1.4" (35 mm) rail
C = 98.5 on AM1DP200 (35 x 7.5)
C = 106 on AM1DE200, ED200 (35 x 15)
On Pre-slotted Mounting
Plate AM1PA
Adaptor Plate GK2AF01
GV2AF01
GV2M + K contactor combination
GV2M + GV1L3
(current limiter)
GV1F03
7.5 mm height compensation plate
X1 = 0.40" / 10 mm for Ue = 230 V or 1.2 " / 30 mm for 230 V < Ue
≤ 690 V
66
44
16
11
.43 .63
1.7
2.6
!
!
101
3.92
GV2ME
··3:
44.5
1.8
Block GV2AD, AM, AN
Block GV2AU, AS
9.3
81(1)
18
3.2
.71
.37
9.3
.37
15
.59
67.2
46
16
!
!
101
3.92
LS1D7323:
63
44.5
1.8
···
82
50
26
15
1.1
1.0
3.2
.59
44.5
1.8
Block GV2AD, AM, AN
Block GV2AU, AS
9.3
81(1)
18
3.2
.71
.37
9.3
.37
98
14
.55
3.9
44.5
1.8
c
80
3.1
4.2
35
1.4
1.7
AF1EA4
35
1.4
DZ5MB201
GV2AF02
DZ5ME8
35
1.4
15
.59
c
13.5
.53
AF1EA4
13.5
.53
24
9.5
.94
.37
45
1.8
54
2.1
È5.5
.22
79
3.1
45
1.8
77
3.0
44.5
1.8
35
1.4
13
.51
Dual Dimensions
inches
mm


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com