Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 5 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 5 Page - Schneider Electric

  GVAP416 Datasheet HTML 1Page - Schneider Electric GVAP416 Datasheet HTML 2Page - Schneider Electric GVAP416 Datasheet HTML 3Page - Schneider Electric GVAP416 Datasheet HTML 4Page - Schneider Electric GVAP416 Datasheet HTML 5Page - Schneider Electric GVAP416 Datasheet HTML 6Page - Schneider Electric GVAP416 Datasheet HTML 7Page - Schneider Electric GVAP416 Datasheet HTML 8Page - Schneider Electric GVAP416 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
General Information
5
10/02
© 2001-2002 Schneider Electric All Rights Reserved
Standard Features (continued)
GV2ME
GV2P
GV3ME
0.1 to 32 A
Up to 20 hp @ 460 V
10 kA short circuit current @ 480 V
Push Button Operator
0.1 to 30 A
Up to 15 hp @ 460 V
50 kA short circuit current @ 480 V
Rotary Handle Operator
Visible Trip Indication
1 to 63 A
Up to 40 hp @ 460 V
50 kA short circuit current @ 480 V
Push Button Operator
Type of protection
Thermal-magnetic (overloads are bimetallic - Class 10)
Mounting
• Clip-on mounting on 35 mm DIN rail. Unclips
without using a tool.
• Panel mount with metal adapter plate.
• Clip-on mounting on 35 mm DIN rail. Unclips
without using a tool.
• Panel mount directly.
• Clip-on mounting on 35 mm DIN rail.
Unclips without using a tool.
• Panel mount directly.
Connection
Use a cross-head screwdriver; captive screws. Same screwdriver used for connections on GV2 starters and their add-on blocks.
Marking
By marker holder supplied with each unit.
Tripping test
By means of a fine-blade screwdriver on front face of product.
Signalling on front face
• By the manual control device
• By mechanical flag indicator
• ON or OFF state
• ON or OFF state
• Tripping by overload, short circuit, undervoltage
or shunt trip.
• Tripping by short circuit.
• ON or OFF state
Padlocking
Tamper-proof current dial
In the OFF position, with padlock, using the system incorporated in the manual control device.
The thermal current setting dial is covered by a
transparent cover which can be sealed.
Accessories
Mounted on the front of the product:
- Either N.C. or N.O., N.O. + N.O. or N.O. + N.C. instantaneous contact blocks which do not increase the width of the product.
Side-mounting, accessories snap onto the starters, without the use of tools.
• On the left-hand side, contact blocks which provide the following:
- N.O. + N.O. or N.O. + N.C. Start-Stop contacts,
- N.O. or N.C. trip signalling contact, incorporating a mechanical flag indicator, and N.O. or N.C. Start-Stop contact,
- C/O magnetic trip signalling contact, associated with a mechanical flag indicator, used for reset.
• On the right-hand side:
- Shunt trip or undervoltage trip.
- Combination block for use with K contactor.
- Bus bars and connectors
- For GV2P, visible isolation block which mounts
on the incoming terminals of the device
- Door interlock mechanism.
Selection
Page 9
Page 9
Page 9
GV7RE / GV7RS
25 to 220 A
Up to 150 hp @ 460 V
25 kA short circuit current @ 480 V
Toggle Operator
Type of protection
Solid state overload - magnetic short circuit
Mounting
Panel mount directly, door mounting optional
Connection
Clip-on connectors (sold separately)
Marking
Continue existing cell from previous column.
Signaling on Front Face
- By manual control
- By mechanical flag
On or Off state
Tripping by overload or short circuit
Padlocking
When used with door mounted rotary handle or with separate locking device
Accessories
Front accessible, internally mounted
- Auxiliary contacts
- Trip indication contacts
- Shunt trip
- Undervoltage trip
Rotary Handles
Selection
Page 9


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com