Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 41 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 41 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 37Page - Schneider Electric GVAP416 Datasheet HTML 38Page - Schneider Electric GVAP416 Datasheet HTML 39Page - Schneider Electric GVAP416 Datasheet HTML 40Page - Schneider Electric GVAP416 Datasheet HTML 41Page - Schneider Electric GVAP416 Datasheet HTML 42Page - Schneider Electric GVAP416 Datasheet HTML 43Page - Schneider Electric GVAP416 Datasheet HTML 44Page - Schneider Electric GVAP416 Datasheet HTML 45Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
41
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV7 SPECIFICATIONS
Environment
Conforming to Standards
IEC 60947-1, 60947-2, 60947-4-1, EN 60947-1, 60947-2, 60947-4-1, NF C 63-650, 63-120,
79-130, VDE 0113, UL 508, CSA C22.2 No.14
Approvals
UL File E 164864 CCN NLRV
CSA File LR 81630 Class 3211 05
Protective Treatment
“TC”
Degree of Protection
conforming to IEC 60529
IP 405 with terminal shields
Ambient Air Temperature
Storage
-55
°C to +95 °C (-68 °F to +203 °F)
Operation
-25
°C to +70 °C (-13 °F to +158 °F)
Temperature Compensation
-25
°C to +55 °C (-13 °F to +130 °F)
For use up to 70
°C (+158 °F), please consult your Regional Sales Office
Maximum Operating Altitude
2000 m (6562 ft.)
Operating Position
Suitability for Isolation Conforming to IEC 60947-1 7-1-6
Yes
Vibration Resistance
2.5 gn at 25 Hz
Phase Loss Sensitivity
Yes, conforming to IEC 60947-4-1, 7-2-1-5-2
Cabling Characteristics
Connection to Bars, and Cables with Lugs or Bare Cables
Type
GV7R ●40 – GV7R ●100 GV7R ●150
GV7R ●220
Pitch
without spreaders
35 mm (1.4 in)
35 mm (1.4 in)
35 mm (1.4 in)
with spreaders
45 mm (1.8 in)
45 mm (1.8 in)
45 mm (1.8 in)
Bars or Cables with Lugs
e
≤6 (0.24 in)
≤6 mm (0.24 in)
≤6 mm (0.24 in)
L
≤25 (1 in)
≤25 mm (1 in)
≤25 mm (1 in)
d
≤10 (0.39 in)
≤10 mm (0.39 in)
≤10 mm (0.39 in)
Screws
size
M6
M8
M8
tightening torque
10 N
•m (7.5 lb.-ft.)
15 N
•m (11.3 lb.-ft.)
15 N
•m (11.3 lb.-ft.)
Bare Cables
(Copper or Aluminum)
with Connectors
height
20 mm (0.78 in)
20 mm (0.78 in)
20 mm (0.78 in)
cross-sectional area
1.5 mm2 (#16 AWG)
1.5–95 mm2
(#16-#3/0 AWG)
1.5–185 mm2
(#16-350 mcm AWG)
tightening torque
15 N
•m (11.3 lb.-ft.)
15 N
•m (11.3 lb.-ft.)
15 N
•m (11.3 lb.-ft.))
90
90
90
90
e
L
L


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com