Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 34 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 34 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 30Page - Schneider Electric GVAP416 Datasheet HTML 31Page - Schneider Electric GVAP416 Datasheet HTML 32Page - Schneider Electric GVAP416 Datasheet HTML 33Page - Schneider Electric GVAP416 Datasheet HTML 34Page - Schneider Electric GVAP416 Datasheet HTML 35Page - Schneider Electric GVAP416 Datasheet HTML 36Page - Schneider Electric GVAP416 Datasheet HTML 37Page - Schneider Electric GVAP416 Datasheet HTML 38Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
34
10/02
GV3 SPECIFICATIONS
Environment
Conforming to standards
IEC, NF C, BS, IEC, VDE
Approvals
ASE, CSA, UL, LROS, ÖVE
UL File Number
File E164864, CCN NLRV
CSA File Number
File LR 81630, Class 3211 05
Protective treatment
“TC”
Degree of protection / Conforming to IEC 60529
GV3ME open-mounted: IP 20
GV3ME in enclosure GV3CE01: IP 55
Shock resistance / Conforming to IEC 68-2-27
22 g for 20 ms duration
Vibration resistance / Conforming to IEC 68-2-6
2.5 g (0-25 Hz)
Ambient air temperature
Storage
-40 to +176 °F (-40 to + 80 °C)
Operation
Open
Enclosed
-4 to +140 °F (-20 to + 60 °C)
-4 to +104 °F (-20 to + 40 °C)
Temperature compensation
Conforming to IEC 60157-1
Open
Enclosed
-4 to +140 °F (-20 to + 60 °C)
-4 to +104 °F (-20 to + 40 °C)
Flame resistance
Conforming to IEC 60695-2-1
Conforms for 1760 °F (960 °C)
Maximum operating altitude
Without derating
9843 ft. (3000 m)
Operating position
Type
GV3ME06 through ME20
GV3ME25 through ME63
Wiring
Number of conductors and cross
sectional area (c.s.a.)
Solid cable
MinMax
MinMax
1-#16 to #8 AWG (1-6 mm2)
2-#16 to #8 AWG (1-6 mm2)
1-#12 to #1 AWG (2.5-35 mm2)
Flexible cable without cable end
1-#16 to #8 AWG (1-6 mm2)
2-#16 to #8 AWG (1-6 mm2)
1-#12 to #2 AWG (2.5-25 mm2)
2-#12 to #4 AWG (2.5-16 mm2)
Flexible cable with cable end
1-#16 to #10 AWG (1-4 mm2)
2-#16 to #10 AWG (1-4 mm2)
1-#12 to #2 AWG (2.5-25 mm2)
2-#12 to #4 AWG (2.5-16 mm2)
Tightening Torque
15 lb-in (1.7 N•m)
44 lb-in (5 N•m)
Technical Characteristics
Type
GV3ME06 through ME25
GV3ME40 through ME63
Rated insulation voltage (UI)
Conforming to IEC 60158-1
V
690
Conforming to
CSA C 22.2 No. 14 and UL 508
V
600 (B600)
Maximum conventional rated thermal current (lth)
Conforming to IEC 60157-1
A
63
Mechanical life
ops
100 000
50 000
Electrical life
ops: Closing-opening
AC-3 duty
ops
100 000
50 000
Maximum operating rate
ops/h
25
Sensitivity to phase failure
Conforms to IEC 60947-4-1 Sec 7-2-1-5-2


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com