Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 33 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 33 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 29Page - Schneider Electric GVAP416 Datasheet HTML 30Page - Schneider Electric GVAP416 Datasheet HTML 31Page - Schneider Electric GVAP416 Datasheet HTML 32Page - Schneider Electric GVAP416 Datasheet HTML 33Page - Schneider Electric GVAP416 Datasheet HTML 34Page - Schneider Electric GVAP416 Datasheet HTML 35Page - Schneider Electric GVAP416 Datasheet HTML 36Page - Schneider Electric GVAP416 Datasheet HTML 37Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
33
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2 BREAKING CAPACITY FOR EUROPEAN APPLICATIONS (CONTINUED)
Used in Association with Current Limiter GV1L3
Type
GV2
ME01
to
ME06
ME07
ME08
ME10
ME14
ME16
ME20
ME21
ME22
Rating
A
0.1 to 1.6
2.5
4
6.3
10
14
18
23
25
Breaking capacity
conforms
to IEC 60947-2
230/240 V
Icu
kA
fffffffff
Ics
% (1)
fffffffff
400/415 V
Icu
kA
fffff
100
100
100
100
Ics
% (1)
fffff
50
50
40
40
440 V
Icu
kA
fffff
50
20
20
20
Ics
% (1)
fffff
75
75
75
75
500 V
Icu
kA
ffff
50
42
10
10
10
Ics
% (1)
ffff
100
100
75
75
75
Type
GV2
P01
to
P06
P07P08
P10P14
P16P20
P21 &
P25
P32
Rating
A
0.1 to 1.6
2.5
4
6.3
10
14
18
21 & 23
32
Breaking capacity
conforms
to IEC 60947-2
230/240 V
Icu
kA
fffffffff
Ics
% (1)
fffffffff
400/415 V
Icu
kA
fffffffff
Ics
% (1)
fffffffff
440 V
Icu
kA
fffff
100
100
100
100
Ics
% (1)
fffff
50
50
50
50
500 V
Icu
kA
ffff
100
100
100
100
100
Ics
% (1)
ffff
50
50
50
50
50
Type
GV2
ME01
to
ME06
ME07
ME08
ME10
ME14
ME16
ME20
ME21
ME22
Rating
A
0.1 to 1.6
2.5
4
6.3
10
14
18
23
25
Cable protection against thermal stress
in the event of short circuit
(PVC insulated copper cables)
Minimum cross sectional area
0.04 in2
1 mm2
(3)
(3)
(3)
10kA
6 kA
(2)
(2)
(2)
(2)
(c.s.a.) protected to 40 °C at
0.06 in2
1.5 mm2
(3)
(3)
(3)
20kA
10 kA
(2)
(2)
(2)
(2)
Isc max
0.10-0.24 in
2.5-6 mm
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
f > 100 kA.
(1) As% of Icu.
(2) Cable c.s.a. not protected
(3) cable c.s.a. protected.


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com