Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 27 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 27 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 23Page - Schneider Electric GVAP416 Datasheet HTML 24Page - Schneider Electric GVAP416 Datasheet HTML 25Page - Schneider Electric GVAP416 Datasheet HTML 26Page - Schneider Electric GVAP416 Datasheet HTML 27Page - Schneider Electric GVAP416 Datasheet HTML 28Page - Schneider Electric GVAP416 Datasheet HTML 29Page - Schneider Electric GVAP416 Datasheet HTML 30Page - Schneider Electric GVAP416 Datasheet HTML 31Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
27
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2 ACCESSORY SPECIFICATIONS
3-Pole Busbars and GV2G•
Rated insulation voltage (Ui)
Conforming to IEC 60947-1
V
690
Conventional rated thermal current
(Ith)
Conforming to IEC 60439-1
A
63
Permissible peak current
(I peak)
kA
11
Permissible thermal limit
(I2t)
kA2s104
Degree of protection
Conforming to IEC 60529
IP 20
Terminal Blocks GV2G05 and GV1G09
Rated insulation voltage (Ui)
Conforming to IEC 60947-1
V
690
Conventional rated thermal current (Ith)
Conforming to IEC 60439-1
A
63
Degree of protection
Conforming to IEC 60529
IP 20
Wiring
Solid cable
1-#14 to #2 AWG (1.5 to 25 mm2) conductor or
2-#14 to #6 AWG (1.5 to 10 mm2) conductors
Flexible cable without cable end
1-#14 to #2 AWG (1.5 to 25 mm2) conductor or
2-#12 to #6 AWG (2.5 to 10 mm2) conductors
Flexible cable with cable end
1-#14 to #4 AWG (1.5 to 16 mm2) conductor or
2-#14 to #10 AWG (1.5 to 4 mm2) conductors
Tightening torque
Connector
20 lb-in (2.2 N•m)
Screw clamp
15 lb-in (1.7 N•m)
Current Limiter GV1L3 (European applications only)
Rated insulation voltage (Ui)
Conforming to IEC 60947-1
V
690
Conventional rated thermal current (Ith)
Conforming to IEC 60947-1
A
63
Operating threshold
rms current
A
1500 (non adjustable threshold)
Wiring
Solid cable
1-#14 to #2 AWG (1.5 to 25 mm2) conductor or
2-#14 to #6 AWG (1.5 to 10 mm2) conductors
Flexible cable without cable end
1-#14 to #2 AWG (1.5 to 25 mm2) conductor or
2-#12 to #6 AWG (2.5 to 10 mm2) conductors
Flexible cable with cable end
1-#14 to #4 AWG (1.5 to 16 mm2) conductor or
2-#14 to #10 AWG (1.5 to 4 mm2) conductors
Tightening torque
20 lb-in (2.2 N•m)


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com