Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 25 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 25 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 21Page - Schneider Electric GVAP416 Datasheet HTML 22Page - Schneider Electric GVAP416 Datasheet HTML 23Page - Schneider Electric GVAP416 Datasheet HTML 24Page - Schneider Electric GVAP416 Datasheet HTML 25Page - Schneider Electric GVAP416 Datasheet HTML 26Page - Schneider Electric GVAP416 Datasheet HTML 27Page - Schneider Electric GVAP416 Datasheet HTML 28Page - Schneider Electric GVAP416 Datasheet HTML 29Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
25
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2 AUXILIARY CONTACT SPECIFICATIONS
Type
Instantaneous Auxiliary Contacts
GVAN, GVAD
Fault Signalling Contacts
GV2AD, GV2 AM11
Rated insulation voltage (Ui)
(associated insulation coordination)
conforming to IEC 60947-1
V690
690
to CSA C22.2 No. 14 and UL 508
V
600
300
Conventional rated thermal current
(Ith)
conforming to IEC 60947-5-1
A6
2.5
to CSA C22.2 No. 14 and UL 508
A
5
1
Mechanical life
(ops: closing-opening)
ops
100 000
1000
Operational power and current
conforming to IEC 60947-5-1
a.c. operation
AC-15/100 000 ops
AC-14/1000 ops
Rated operational voltage (Ue)
V
48
110
127
230
240
380
415
440
500
690
24
48
110
127
230
240
Operational power, normal conditions
VA
300
500
720
850
650
500
400
36
48
72
72
Occasional breaking and making
capacities, abnormal conditions
VA
3000
7000
13 000
15 000
13 000
12 000
9000
220
300
450
450
Rated operational current (Ie)
A
6
4.5
3.3
2.2
1.5
1
0.6
1.5
1
0.5
0.3
Operational power and current
conforming to IEC 60947-5-1
d.c. operation
DC-13/100 000 ops
DC-13/1000 ops
Rated operational voltage (Ue)
V
24
48
60
110
240 (1)
24
48
60
Operational power, normal conditions
W
140
240
180
140
120
24
15
9
Occasional breaking and making
capacities, abnormal conditions
W
240
360
240
210
180
100
50
50
Rated operational current (Ie)
A
6
5
3
1.3
0.5
1
0.3
0.15
Minimum operational conditions
d.c. operation
V17
mA
5
Short circuit protection
By GB2CB•• circuit breaker (rating according to operational current for Ue = 415 V)
or by gG fuse 10 A max (or equivalent).
Wiring (screw clamp)
Min
Max
Number of conductors and cross
sectional area (c.s.a.)
Solid cable
1-#16 to #12 AWG (1-2.5 mm2)
2-#16 to #12 AWG (1-2.5 mm2)
Flexible cable without cable end
1-#18 to #12 AWG (0.75-2.5 mm2)
2-#18 to #12 AWG (0.75-2.5 mm2)
Flexible cable with cable end
1-#18 to #14 AWG (0.75-1.5 mm2)
2-#18 to #14 AWG (0.75-1.5 mm2)
Wiring (spring terminal)
Min (GVAN only)
Max (GVAN only)
Flexible cable without cable end
1-#18 to #12 AWG (0.75-2.5 mm2)
2-#18 to #12 AWG (0.75-2.5 mm2)
Tightening torque
12 lb-in (1.4 N•m) max
(1) Add an RC circuit type LA4 D to the load terminals, see Square D Digest.


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com