Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 22 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 22 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 18Page - Schneider Electric GVAP416 Datasheet HTML 19Page - Schneider Electric GVAP416 Datasheet HTML 20Page - Schneider Electric GVAP416 Datasheet HTML 21Page - Schneider Electric GVAP416 Datasheet HTML 22Page - Schneider Electric GVAP416 Datasheet HTML 23Page - Schneider Electric GVAP416 Datasheet HTML 24Page - Schneider Electric GVAP416 Datasheet HTML 25Page - Schneider Electric GVAP416 Datasheet HTML 26Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
22
10/02
GV2 SPECIFICATIONS
Environment
Type
GV2ME
GV2P
LS1D30, LS1D303
LS1D32, LS1DT32,
LS1D323
Conforming to standards
IEC 60947-1, 60947-2, 60947-4-1, EN 60204, BS 4752, BS 4941, UL 508, CSA C22.2 No. 14, NF C 63-650, NFC63-120, 79-130, VDE 0113, 0660.
Product approvals
DEMKO, NEMKO, SEMKO, CSA. UL, BV, GL,
LROS, DNV, PTB
CSA, UL, PTB
UL, CSA
BV
UL File Number
File E164864, CCN NLRV
––
CSA File Number
File LR 81630, Class 3211 05
Protective treatment
“TH”
“TH”
Degree of protection
conforming to IEC 60529
In enclosure GV2ME01:
IP 41 In enclosure GV2ME02: IP 55
––
Shock resistance
conforming to IEC 60068-2-27
30 g
30 g
Vibration resistance
conforming to IEC 60068-2-6
5 g (5 to 150 Hz)
5 g (5 to 150 Hz)
Ambient air temperature
- storage
-40 to +176 °F (-40 to + 80 °C)
- operation
-4 to +140 °F (-20 to + 60 °C) Open
-4 to 104 °F enclosed (-20 to 40 °C) Enclosed
-4 to +140 °F (-20 to + 60 °C)
-58 to +158 °F
(-50 to +70 °C)
-58 to +158 °F
(-50 to +70 °C)
Temperature compensation
-4 to +140 °F (-20 to + 60 °C) Open
-4 to 104 °F enclosed (-20 to 40 °C) Enclosed
-4 to +140 °F (-20 to + 60 °C)
Flame resistance
conforming to IEC 60695-2-1
1760 °F (960 °C)
Maximum operating altitude
6562 ft (2000 m)
6562 ft (2000 m)
Operating positions
in relation to normal
vertical mounting position
± 23 °
Wiring
Number of conductors and cross
Max
Min
Max
Min
Max
Min
sectional area (c.s.a.)
Solid cable
2-#8 AWG (2-6 mm2)
2-#16 AWG (2-1 mm2)
2-#8 AWG (2-6 mm2)
2-#16 AWG (2-1 mm2)
2-#8 AWG (2-6 mm2)
2-#16 AWG (2-1 mm2)
Flexible cable without cable end
2-#8 AWG (2-6 mm2)
2-#14 AWG (2-1 mm2)
2-#8 AWG (2-6 mm2)
2-#14 AWG (2-1 mm2)
2-#8 AWG (2-6 mm2)
2-#14 AWG (2-1 mm2)
Flexible cable with cable end
2-#10 AWG (2-4 mm2)
2-#16 AWG (2-1 mm2)
2-#10 AWG (2-4 mm2)
2-#16 AWG (2-1 mm2)
2-#10 AWG (2-4 mm2)
2-#16 AWG (2-1 mm2)
Suitable for isolation
conforming to IEC 60947-1 § 7-1-
6
Yes
Yes
No
No
Tightening torque
15 lb-in (1.7 N•m)
Resistance to
mechanical impact
0.5 J
0.5 J
Sensitivity to phase failure
Yes, conforming to IEC 60947-4-1, paragraph 7-2-1-5-2
No
No
30°
30°


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com