Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVAP416 Datasheet(PDF) 19 Page - Schneider Electric

Part # GVAP416
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP416 Datasheet(HTML) 19 Page - Schneider Electric

Back Button GVAP416 Datasheet HTML 15Page - Schneider Electric GVAP416 Datasheet HTML 16Page - Schneider Electric GVAP416 Datasheet HTML 17Page - Schneider Electric GVAP416 Datasheet HTML 18Page - Schneider Electric GVAP416 Datasheet HTML 19Page - Schneider Electric GVAP416 Datasheet HTML 20Page - Schneider Electric GVAP416 Datasheet HTML 21Page - Schneider Electric GVAP416 Datasheet HTML 22Page - Schneider Electric GVAP416 Datasheet HTML 23Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
19
10/02
© 2001-2002 Schneider Electric All Rights Reserved
Magnetic Fault Indication Device
The magnetic fault indication device either differentiates a thermal fault from a magnetic fault or opens
the contactor only in the event of a thermal fault (see page 18).
Undervoltage Trip GV7AU
The undervoltage trip opens the motor starter when the control voltage drops below the tripping
threshold of 0.35–0.7 times the rated voltage. For the starter contacts to be closed again, the control
voltage must be above 0.85 times the rated voltage. The GV7AU undervoltage trip meets the
requirements of IEC 60947-2. For location of the undervoltage trip unit, see page 18.
Shunt Trip GV7AS
The shunt trip opens the motor starter when the control voltage rises above 0.7 times the rated voltage.
For location of the shunt trip unit, see page 18.
Operation (GV7AU or GV7AS)
When the motor starter has been tripped by a GV7AU or AS trip, it must be reset either locally or by
remote control. (For remote control, please consult your Square D Regional Sales Office).
Tripping has priority over manual closing. If a tripping instruction is present, manual action does not
result in the closing of the contacts even temporarily.
Both the undervoltage trip and shunt trip have a durability of 50% of the mechanical life of the motor
starter.
Voltage
Catalog Number
Weight / kg (lbs)
24–48 VAC / 24–72 VDC
GV7AD111
0.100 (0.22)
110–240 VAC/DC
GV7AD112
0.100 (0.22)
Type
Voltage
Catalog Number
Weight / kg (lbs)
Undervoltage Trip
48V, 50 Hz
GV7AU055
0.105 (0.23)
110–130 V, 50/60 Hz
GV7AU107
0.110 (0.24)
200–240 V, 50/60 Hz
GV7AU207
0.110 (0.24)
380–440 V, 50/60 Hz
GV7AU387
0.105 (0.23)
525 V, 50 Hz
GV7AU525
0.100 (0.22)
Shunt Trip
48V, 50 Hz
GV7AS055
0.105 (0.23)
110–130 V, 50/60 Hz
GV7AS107
0.110 (0.24)
200–240 V, 50/60 Hz
GV7AS207
0.110 (0.24)
380–440 V, 50/60 Hz
GV7AS387
0.105 (0.23)
525 V, 50 Hz
GV7AS525
0.100 (0.22)


Similar Part No. - GVAP416

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-123 MINI-GVA-123 Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123++ MINI-GVA-123+ Datasheet
258Kb / 5P
   Monolithic Amplifier
GVA-123-D MINI-GVA-123-D Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-123-D++ MINI-GVA-123-D+ Datasheet
269Kb / 6P
   Monolithic Amplifier Die
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
More results

Similar Description - GVAP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
   TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
GVAE113 SCHNEIDER-GVAE113 Datasheet
80Kb / 2P
   TeSys GV2 & GV3 - auxiliary contact - 1 NO 1 NC
Aug 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com