Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 15 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 15 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 11Page - HellermannTyton. 120-1 Datasheet HTML 12Page - HellermannTyton. 120-1 Datasheet HTML 13Page - HellermannTyton. 120-1 Datasheet HTML 14Page - HellermannTyton. 120-1 Datasheet HTML 15Page - HellermannTyton. 120-1 Datasheet HTML 16Page - HellermannTyton. 120-1 Datasheet HTML 17Page - HellermannTyton. 120-1 Datasheet HTML 18Page - HellermannTyton. 120-1 Datasheet HTML 19Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
14
313F322-396
STRAIGHT bOOT,
LOw PROFILE
wITH ADAPTER LIP
1. All dimensions are in inches – all angles in
degrees.
2. Dimensions in table:
X = Expanded (minimum);
R = Recovered (maximum)
3. Colour: Black
This boot provides strain relief
in applications with partially
loaded connectors, resulting in
small cable diameters requiring
a high shrink ratio.
H DIA
J DIA
PR
T
JO
JW
Part Number
±10%
±15%
±0.03
±10%
±0.03
MIN X
MAX R
MIN X
MAX R
RR
RR
R
313F322
0.94
0.39
0.68
0.26
4.17
0.46
0.05
3.40
0.06
0.06
0.06
313F332
1.07
0.52
0.82
0.30
4.77
0.48
0.05
3.88
0.06
0.06
0.06
313F343
1.22
0.73
0.96
0.35
5.46
0.48
0.05
4.44
0.07
0.06
0.07
313F353
1.40
0.87
1.13
0.40
6.28
0.48
0.05
5.15
0.07
0.06
0.07
313F364
1.53
1.11
1.24
0.43
7.00
0.55
0.07
5.60
0.07
0.06
0.07
313F374
1.78
1.27
1.51
0.50
8.00
0.60
0.07
6.42
0.07
0.06
0.07
313F385
2.03
1.79
1.79
0.59
8.00
0.60
0.07
6.21
0.07
0.07
0.07
313F396
2.47
1.79
2.10
0.66
9.00
0.63
0.07
6.03
0.07
0.07
0.07
HW
+0.06
-0.03
R
S
+0.06
-0.03
R
Materials availaBle
-6
Flexible modified Polyolefin
-8
Flexible cross-linked modified
fluoroelastomer blend
*-9
Flexible modified Elastomer
adhesive oPtioNs
adhesive (Part Numbers)
Factory applied
description
TSA-200
-200
Thermoset 125°C
TTS-250
-250
Thermoplastic 80°C
TTS-450
-450
Thermoplastic 120°C
W24
W24
1 Part Epoxy 200°C


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com