Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 63 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 63 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 59Page - HellermannTyton. 120-1 Datasheet HTML 60Page - HellermannTyton. 120-1 Datasheet HTML 61Page - HellermannTyton. 120-1 Datasheet HTML 62Page - HellermannTyton. 120-1 Datasheet HTML 63Page - HellermannTyton. 120-1 Datasheet HTML 64Page - HellermannTyton. 120-1 Datasheet HTML 65Page - HellermannTyton. 120-1 Datasheet HTML 66Page - HellermannTyton. 120-1 Datasheet HTML 67Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
62
bOTTLE SHAPES FOR
MIL CONNECTORS
*10 SL
0.62
connector
shell size
o/Knurl
dia (inches)
153-42
*1152-4/1106-4
*0.16
0.30
Straight
90°
Min
orientation
cable dia (inches)
Max
14 S
0.76
154-42/106-4
1154-4/1107-4
0.28
0.42
16 S
0.95
155-42/101-4
1155-4/1104-4
0.33
0.53
16
0.95
155-42/101-4
1155-4/1104-4
0.33
0.53
18
0.95
155-42/101-4
1155-4/1104-4
0.33
0.57
20
1.17
156-42/102-4
1156-4/1103-4
0.40
0.74
22
1.17
156-42/102-4
1156-4/1103-4
0.40
0.82
24
1.49
157-43/103-4
1157-4/1101-4
0.47
0.97
28
1.49
157-43/103-4
1157-4/1101-4
0.47
1.06
32
1.89
158-43/107-4
1158-4/1105-4
0.76
1.31
36
* Note: Shell 10 SL for 90° moulded part min cable diameter 0.260 inches
1.89
158-43/107-4
1158-4/1105-4
0.76
1.51
8/9
0.51
connector
shell size
o/Knurl
dia (inches)
152-42/105-4
1152-4/1106-4
0.28
0.27
Straight
90°
Min
orientation
cable dia (inches)
Max
10/11
0.60
152-42/105-4
1152-4/1106-4
0.28
0.40
10/12
0.60/0.75
153-42/NA
0.16
0.40
12/13
0.75
154-42/106-4
1154-4/1107-4
0.28
0.53
14/15
0.82
155-42/101-4
1155-4/1104-4
0.33
0.64
16/17
0.94
155-42/101-4
1155-4/1104-4
0.33
0.76
18/19
1.02
156-42/102-4
1156-4/1103-4
0.40
0.86
20/21
1.20
156-42/102-4
1156-4/1103-4
0.40
0.98
22/23
1.34
157-43/103-4
1157-4/1101-4
0.47
1.12
24/25
1.42
157-43/103-4
1157-4/1101-4
0.47
1.22
hellerMaNN shaPes For use With circular Mil sPec coNNectors Ms 5015 aB/littoN etc.
hellerMaNN shaPes For use With Mil-c-26482-i/ii and 38999/series i, ii, iii, iv


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com