Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 62 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 62 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 58Page - HellermannTyton. 120-1 Datasheet HTML 59Page - HellermannTyton. 120-1 Datasheet HTML 60Page - HellermannTyton. 120-1 Datasheet HTML 61Page - HellermannTyton. 120-1 Datasheet HTML 62Page - HellermannTyton. 120-1 Datasheet HTML 63Page - HellermannTyton. 120-1 Datasheet HTML 64Page - HellermannTyton. 120-1 Datasheet HTML 65Page - HellermannTyton. 120-1 Datasheet HTML 66Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
61
v9500 EPOXy
ADHESIvE
availability
V9500 epoxy adhesive is available in two forms:
1) 1x duo Pak (50g), 5x mixing pots,5x mixing sticks, 5, emery papers order V9500 Epoxy adhesive kit.
2) 50gm twin plunger Duo Pak with mixing crucibles, emery cloth and spatulas. Order ref V9500 DP KIT.
hellermann duo Pak is ideal for volume
applications. Features include:
• Accurate dispensing - no need for any weighing of
components.
• No mixing is necessary when using the nozzle.
• Less adhesive waste.
• Unique end cap assures proper sealing for multiple
uses.
• Contains 50gms equivalent to 5 x 10gm sachets.
• Positive locking of mixing nozzle.
V 9500 Nozzle New
V 9500 DUO PAK
V 9500 Applicator
shelf life:
The product should be stored in its original
packaging at temperatures between +14°C – +26°C.
Minimum shelf life of 18 months.
For applications of adhesive see the code of practice
which is available from your master distributor.
qualified to VG 95343 T15A0001.
Part Numbers
v9500 duo PacK
50gm twin plunger Duo Pak
v9500 NoZZle NeW Nozzle for 50gm twin
plunger
v9500 aPPlicator Applicator for V9500 DUO
PAK
v9500 dP Kit
50gm twin plunger Duo pak
with mixing crucibles,emery
cloth and spatulas


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com