Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 61 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 61 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 57Page - HellermannTyton. 120-1 Datasheet HTML 58Page - HellermannTyton. 120-1 Datasheet HTML 59Page - HellermannTyton. 120-1 Datasheet HTML 60Page - HellermannTyton. 120-1 Datasheet HTML 61Page - HellermannTyton. 120-1 Datasheet HTML 62Page - HellermannTyton. 120-1 Datasheet HTML 63Page - HellermannTyton. 120-1 Datasheet HTML 64Page - HellermannTyton. 120-1 Datasheet HTML 65Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
60
HOT MELT ADHESIvE
TAPE
HMT200A is a hot melt adhesive tape which is designed for use with heatshrink tubing and mouldings. The
adhesive tape flows when heated to provide a permanent air and water tight seal.
hot melt adhesive is available as tape and is designed to be used primarily in conjunction with heatshrinkable
tubing and moulded shapes in order to provide sealant / adhesive action at the interface between the
encapsulant and the substrate.
The adhesive is a specially compounded blend of resins which melts below the shrinkage temperature of heat
shrinkable polyolefin products (+135°C) and also bonds to the polyolefin surface and the wide variety of substrate
surfaces to which it is applied, eg cable jackets, metal sheaths and connector back shells. HMT200A will maintain its
adhesive sealant properties from -55° to +105°C.
Method of application
tape form hMt200a. Nominal dimensions 1.00 inch wide, 0.01 inch thick, nominally 100ft per reel.
1. Substrate surfaces should be clean and free from grease and dirt. If necessary, wipe with a suitable solvent.
2. The substrate should be pre-warmed to reduce its effect as a heat sink.
3. The HMT200A tape should be wrapped once, under slight tension, around the warm substrate with a minimum
overlap. When soft it can be pressed into position.
4. Heatshrink is then placed over the assembly and recovered by heating.
5. After the component has been recovered, heating must be continued to ensure that the tape has completely
melted, thus ensuring correct bonding.
6. Any rearrangement of the assembly after the heat-shrinkable component has been positioned must be done whilst
the sealant is still molten and the encapsulation is above 120°C. Once set, no stresses should be applied to the
assembly until it has completely cooled.
Note:
1. Substrates with considerable heat sink characteristics should be pre-warmed. This type of assembly may require
even longer post-shrinkage heating to ensure that the HMT200A tape has melted.
typical Properties
tsa200taPe
hMt200a
operating temperature
-55°C to +125°C
-55°C to +105°C
softening Point
N/A
+110°C
Peel strength
XLPE/Metal
35lbs/inch
33lbs/inch
XLPE/XLPE
25lbs/inch
18lbs/inch
PVC/PVC
13lbs/inch
13lbs/inch
lap shear strength XLPE/Metal
60lbs
55lbs
XLPE/XLPE
55lbs
36lbs
shelf life
2 Years
2 Years
colours:
Natural
Natural
installation guide for tsa200 tape on request


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com