Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 6 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 6 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 2Page - HellermannTyton. 120-1 Datasheet HTML 3Page - HellermannTyton. 120-1 Datasheet HTML 4Page - HellermannTyton. 120-1 Datasheet HTML 5Page - HellermannTyton. 120-1 Datasheet HTML 6Page - HellermannTyton. 120-1 Datasheet HTML 7Page - HellermannTyton. 120-1 Datasheet HTML 8Page - HellermannTyton. 120-1 Datasheet HTML 9Page - HellermannTyton. 120-1 Datasheet HTML 10Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
5
6. orderiNG Procedure
When ordering heatshrink shapes, it is necessary to give a complete part number to enable efficient
processing of your order. Part numbers can be made up of the following typical components:-
154
-
42
-
G
-
P
-
W8
Denotes the presence and
type of adhesive.
For filler ports, add suffix 'P' or
'D' for drain holes.
Denotes material reference. L compuond
shapes refere to factory when ordering
Denotes expansion and special details.
SELECTION GUIDE FOR
MOULDED SHAPES
2. adhesives
Moulded shapes can be ordered with the option of an adhesive lining. The options are:
n
WM250 – Hot melt adhesive. Operating temperature range -50°C to +80°C
n
W1 – WM250 adhesive applied to NAVSEA specification requirements
n
W8 – High temperature hot melt adhesive. Operating temperature range -55°C to +120°C
n
W24 – One part epoxy. Operating temperature range -75°C to +200°C
n
W2- Spiral lined Hot melt adhesive. operating temperature range -50°C to+80°C
For further details on specifications and properties including epoxy adhesives, see page 8-9.
3. sPecial ModiFicatioNs
Fillerports and drainholes are also available where it is desired to inject sealant.
P= Filler ports for potting - 0.12 inch ø vent and 0.18 inch ø filler.
D= Drain holes 4 off - 0.12 inch ø at H end equally spaced 90° apart.
4. Product stYle aNd siZe
Good working practice dictates that the shape should be selected so that when it is shrunk onto the
component it is 20% larger than the fully recovered dimensions stated in the catalogue.
If you have any application not covered by our standard range, please refer to your local sales
person.
Denotes the exact shape.


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com