Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 59 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 59 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 55Page - HellermannTyton. 120-1 Datasheet HTML 56Page - HellermannTyton. 120-1 Datasheet HTML 57Page - HellermannTyton. 120-1 Datasheet HTML 58Page - HellermannTyton. 120-1 Datasheet HTML 59Page - HellermannTyton. 120-1 Datasheet HTML 60Page - HellermannTyton. 120-1 Datasheet HTML 61Page - HellermannTyton. 120-1 Datasheet HTML 62Page - HellermannTyton. 120-1 Datasheet HTML 63Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
58
2100 SERIES
CONNECTOR COvER
FOR MIN D SERIES
wITH 90° ENTRy
This style provides strain relief
and mechanical protection.
Dimensions apply to all materials unless
otherwise indicated and are in inches.
With liPs
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
Without liPs
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
2101-1
0.80
0.80
0.42
0.42
0.31
0.31
0.80
0.42
0.16
0.60
1.02
0.85
0.12
0.04
9
0.63
0.48
0.63
0.48
0.63
0.48
0.80
0.42
0.16
0.60
1.02
0.85
0.12
0.04
9
1.11
1.11
0.42
0.42
0.40
0.40
1.11
0.42
0.21
0.73
1.21
0.97
0.12
0.04
15
0.75
0.63
0.75
0.63
0.75
0.63
1.11
0.42
0.21
0.73
1.21
0.97
0.12
0.04
15
1.66
1.66
0.42
0.42
0.55
0.63
1.66
0.42
0.29
0.87
1.69
1.10
0.12
0.04
25
1.15
0.87
1.15
0.87
1.15
0.87
1.66
0.42
0.29
0.87
1.69
1.10
0.12
0.04
25
1.69
1.69
0.49
0.49
0.55
0.55
1.66
0.42
0.29
0.87
1.69
1.10
0.12
0.04
25
2.31
2.31
0.42
0.42
0.68
0.68
2.31
0.42
0.34
1.00
2.10
1.20
0.12
0.04
37
2.28
2.28
0.54
0.54
0.75
0.75
2.28
0.54
0.42
1.00
2.20
1.27
0.12
0.04
50
1.48
1.26
1.48
1.26
1.48
1.26
2.28
0.54
0.42
1.00
2.20
1.27
0.12
0.04
50
2.26
2.26
0.60
0.60
0.75
0.75
2.28
0.54
0.42
1.00
2.20
1.27
0.12
0.04
50
2101-2
2102-1
2102-2
2103-1
2103-2
2103-3
2104-1
2105-1
2105-2
2105-3
Hellermann Part No.
H
H
-H Matl
J
J
-H Matl
K
K
-H Matl
H
J
K
S
±10%
P
±10%
R
±10%
X
±10%
W
±20%
Connector
size No. of
ways
Materials availaBle
reference
specification
description
J
MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
MIL-I-81765/TYPE I
Semi-rigid flame retarded polyolefin
G
VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com