Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 55 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 55 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 51Page - HellermannTyton. 120-1 Datasheet HTML 52Page - HellermannTyton. 120-1 Datasheet HTML 53Page - HellermannTyton. 120-1 Datasheet HTML 54Page - HellermannTyton. 120-1 Datasheet HTML 55Page - HellermannTyton. 120-1 Datasheet HTML 56Page - HellermannTyton. 120-1 Datasheet HTML 57Page - HellermannTyton. 120-1 Datasheet HTML 58Page - HellermannTyton. 120-1 Datasheet HTML 59Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
54
1750 SERIES
GSR - GRADUATED
STRAIN RELIEF
SHAPES
This style is ideally suited for
shipboard and railway carriage
cabling.
Key Features:
n
Very robust
n
Superior crush resistance
n
Excellent strain relief
n
Wall thickness varies with long thin tail
allowing setting at varying angles through
to 90°
Dimensions apply to all materials unless
otherwise indicated and are in inches.
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
NAVSEA
REFERENCE
5617649-1
5617649-2
5617649-3
5617649-4
5617649-5
Hellermann
Part No.
1751-1
1.00
1.00
0.65
0.33
6.02
1.20
1.89
0.06
0.16
0.06
1751-2
1.30
1.30
0.65
0.33
6.02
1.20
1.89
0.06
0.16
0.06
1752-1
1.30
1.30
0.80
0.43
6.02
1.20
1.89
0.06
0.16
0.06
1752-2
1.70
1.70
0.80
0.43
6.02
1.20
1.89
0.06
0.16
0.06
1753-1
1.70
1.70
0.90
0.56
6.90
1.50
1.89
0.06
0.16
0.08
1753-2
2.10
2.10
0.90
0.56
6.90
1.50
1.89
0.06
0.16
0.08
1754-1
2.10
2.10
1.10
0.70
6.90
1.50
1.89
0.06
0.16
0.08
1754-2
2.85
2.85
1.10
0.70
6.90
1.50
1.89
0.06
0.16
0.08
1755-1
2.85
2.85
1.45
0.95
7.24
1.61
2.01
0.06
0.20
0.10
1755-2
3.43
3.43
1.45
0.95
7.24
1.61
2.01
0.06
0.20
0.10
H
J
H
J
P
±10%
R
±10%
S
±10%
T
±10%
HW
±20%
JW
±20%
Materials availaBle
reference
specification
description
J
MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
MIL-I-81765/TYPE I
Semi-rigid flame retarded polyolefin
G
VG 95343 PART 6
Fluid resistant elastomer
H
* NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard material.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com