Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 54 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 54 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 50Page - HellermannTyton. 120-1 Datasheet HTML 51Page - HellermannTyton. 120-1 Datasheet HTML 52Page - HellermannTyton. 120-1 Datasheet HTML 53Page - HellermannTyton. 120-1 Datasheet HTML 54Page - HellermannTyton. 120-1 Datasheet HTML 55Page - HellermannTyton. 120-1 Datasheet HTML 56Page - HellermannTyton. 120-1 Datasheet HTML 57Page - HellermannTyton. 120-1 Datasheet HTML 58Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
53
1600 SERIES
END CAPS
This style has a conical end and
is used for sealing cables.
exp'd (Min)
recovered (Max)
recovered dimensions fully shrunk
1612-1
0.39
0.16
0.12
1.32
1.18
0.08
0.16-0.31
1618-1
0.55
0.24
0.20
2.18
1.97
0.09
0.24-0.43
1613-1
0.79
0.30
0.26
2.18
1.97
0.09
0.31-0.63
1614-1
1.57
0.59
0.41
3.54
3.15
0.12
0.60-1.26
1620-1
1.38
0.50
0.39
7.25
7.05
0.13
0.51-1.10
1615-1
2.48
0.98
0.63
5.64
5.12
0.13
0.98-1.97
1617-1
2.99
1.18
0.67
6.22
5.91
0.16
1.18-2.36
1616-1
3.94
1.77
1.02
6.40
5.51
0.16
1.77-3.15
1609-1
4.72
2.36
0.67
5.91
5.24
0.16
60.0-96.0
Hellermann Part No.
H
H
J
P
±10%
R
±10%
W
±20%
For Cable
Diameters
End caps with the exception of 1612, 1618
and 1633 can be fitted with air valves for
certain pressurized cable applications.
Consult your master distributor for
availability.
Dimensions apply to all materials unless
otherwise indicated and are in inches.
*
*
*
*
*
*
Materials availaBle
reference
specification
description
J
MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
MIL-I-81765/TYPE I
Semi-rigid flame retarded polyolefin
G
VG 95343 PART 6
Fluid resistant elastomer
B8
*
Semi-rigid polyolefin
adhesive coatiNG oPtioNs
reference
description
W
General purpose hot melt +80°C
*Standard products and material.
For ordering procedure – refer to page 5
1610-1
6.30
3.23
1.06
5.75
4.57
0.16
82.0-128


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com