Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 53 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 53 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 49Page - HellermannTyton. 120-1 Datasheet HTML 50Page - HellermannTyton. 120-1 Datasheet HTML 51Page - HellermannTyton. 120-1 Datasheet HTML 52Page - HellermannTyton. 120-1 Datasheet HTML 53Page - HellermannTyton. 120-1 Datasheet HTML 54Page - HellermannTyton. 120-1 Datasheet HTML 55Page - HellermannTyton. 120-1 Datasheet HTML 56Page - HellermannTyton. 120-1 Datasheet HTML 57Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
52
1500 SERIES
CONNECTOR COvER
FOR MIN-D SERIES
wITH TOP ENTRy
This style provides strain relief
and mechanical protection.
With liPs
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
Without liPs
Hellermann Part No.
H
J
K
H
J
K
P
±10%
R
±10%
W
±10%
Connector
Size No. of
Ways
1505-1
0.80
0.42
0.31
0.80
0.42
0.16
1.30
0.75
0.04
9
1505-2
0.63
0.63
0.63
0.80
0.42
0.16
1.30
0.75
0.04
9
1505-3
0.83
0.49
0.31
0.80
0.42
0.16
1.30
0.75
0.04
9
1505-7
0.80
0.59
0.47
0.80
0.42
0.16
1.89
0.75
0.04
9
1505-8
0.63
0.63
0.63
0.80
0.42
0.16
1.89
0.75
0.04
9
1506-1
1.11
0.42
0.40
1.11
0.42
0.21
1.53
0.87
0.04
15
1506-2
0.75
0.75
0.75
1.11
0.42
0.21
1.53
0.87
0.04
15
1506-5
1.46
0.42
0.40
1.11
0.42
0.21
1.53
0.87
0.04
15
1507-1
1.66
0.42
0.55
1.66
0.42
0.32
1.77
1.00
0.04
25
1507-2
1.15
1.15
1.15
1.66
0.42
0.32
1.77
1.00
0.04
25
1507-3
1.66
0.42
0.55
1.66
0.42
0.32
1.77
1.00
0.04
25
1507-7
2.17
0.55
0.98
1.66
0.42
0.32
1.77
1.00
0.04
25
1501-1
2.30
0.42
0.68
2.31
0.42
0.34
2.10
1.12
0.04
37
1501-2
1.35
1.35
1.35
2.31
0.42
0.34
2.10
1.12
0.04
37
1501-3
2.35
0.49
0.68
2.31
0.42
0.34
2.10
1.12
0.04
37
1501-7
2.30
0.42
0.68
2.31
0.42
0.34
2.10
1.12
0.04
37
1502-1
1.48
1.48
1.48
2.28
0.54
0.41
2.40
1.25
0.04
50
1502-2
2.28
0.54
0.75
2.28
0.54
0.41
2.40
1.25
0.04
50
1502-3
2.26
0.54
0.75
2.28
0.54
0.41
2.40
1.25
0.04
50
Dimensions apply to all materials unless
otherwise indicated and are in inches.
*
*
*
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
* VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard products and material.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com