Electronic Components Datasheet Search |
|
120-1 Datasheet(PDF) 5 Page - HellermannTyton. |
|
|
120-1 Datasheet(HTML) 5 Page - HellermannTyton. |
5 / 70 page 4 SELECTION GUIDE FOR MOULDED SHAPES HellermannTyton heatshrink moulded shapes are available in a variety of materials with a range of options. Using this guide you can select the optimum product to suit your application. 1. Material Parts can be supplied in a wide variety of materials. The product data sheets reflect material availability for each specific part. Listed below is a summary of the material specifications. To assist in your final selection, please refer to the full material specifications on pages 6-7. hellerMaNNtYtoN Moulded shaPes: Materials selectioN Guide N.B. The standard color is black but for other specialised requirements, such as red for armaments systems or blue for commercial applications, please consult your local sales person. Material Flame continuous Miniumum typical reference description retarded operating shrink specifications characteristics applications temperature °c temperature °c B7 Semi-rigid flame- Good physical & retarded polyolefin Yes -55 to +135 +135 chemical resistance G Fluid resistant Excellent resistance elastomer Yes -75 to +150 +135 to fuels J Yes -55 to +135 +135 Flexible h Flexible limited fire Low smoke, Ships, submarines hazard material Yes -55 to +105 +135 halogen free & railways B8 Semi-rigid Good physical & Power/Utility polyolefin Yes -55 to +100 +135 ESI-0911 reasonable breakout boots multi outlet l Flexible modified Excellent phyisical Fluorocarbon Yes -55 to +200 +175 & chemical resistance 9 Flexible Modified SCX15112 Good physical & Elastomer Yes -55 to +120 +135 chemical resistance 8 SCX15111 Excellent physical & Yes -55 to +150 +135 chemical resistance 6 SCX15112 Yes -55 to +120 +135 MIL-I-81765/1 TYPE 1 (DEF 59-97) BSG198 Pt 5 Conforms to MIL-I-81765/4 (DEF 59-97) BSG198 Pt 5 MIL-I-81765/1 TYPE 2 (DEF 59-97) BSG198 Pt 5 Military & general high performance harnessing Fuel tanks and jet engines Military & general high performance harnessing Military high performance harnessing General harnessing applications Military & general high performance harnessing Military & general high performance harnessing Flexible, good physical & chemical resistance VG95343Pt6 (DEF 59-97) BSG198 Pt 5 NAVSEA5617649 (DEF 59-97) BSG198 Pt 5 Flexible cross-linked modified fluoroelastomer blend Flexible Modified Polyolefin Flexible Modified Polyolefin |
Similar Part No. - 120-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |