Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 46 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 46 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 42Page - HellermannTyton. 120-1 Datasheet HTML 43Page - HellermannTyton. 120-1 Datasheet HTML 44Page - HellermannTyton. 120-1 Datasheet HTML 45Page - HellermannTyton. 120-1 Datasheet HTML 46Page - HellermannTyton. 120-1 Datasheet HTML 47Page - HellermannTyton. 120-1 Datasheet HTML 48Page - HellermannTyton. 120-1 Datasheet HTML 49Page - HellermannTyton. 120-1 Datasheet HTML 50Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
45
1200 SERIES
T SHAPES
-vG STyLE
This style provides strain relief,
sealing and mechanical
protection on cable harnesses.
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
VG Part No.
Hellermann
Part No.
H
J
K
H
J
K
P
±10%
R
±10%
S
±10%
KW
+20%
HW, JW
+20%
VG 95343 T08 A009A
1206-1
0.26
0.26
0.26
0.12
0.12
0.12
1.17
0.58
0.58
0.04
0.04
0.52
0.52
0.52
0.24
0.24
0.24
2.31
1.15
1.15
0.06
0.06
VG 95343 T08 A001A
1203-1
0.52
0.52
0.26
0.24
0.12
0.12
2.05
1.02
0.76
0.04
0.06
VG 95343 T08 A010A
1202-1
VG 95343 T08 A007A
VG 95343 T08 A002A
VG 95343 T08 A011A
1205-1
1201-1
1209-1
1207-1
1230-1
0.70
0.67
0.30
0.35
0.35
0.15
2.00
1.00
1.00
0.04
0.06
0.70
0.70
0.40
8.9
0.35
0.20
1.87
0.93
0.93
0.04
0.06
0.35
1.06
1.06
0.52
0.49
0.49
0.24
4.25
2.13
2.13
0.06
0.10
1.06
0.78
1.06
0.78
1.06
0.78
0.49
0.40
0.49
0.40
0.49
0.40
4.73
3.54
2.20
1.77
2.20
1.77
0.10
0.08
0.10
0.08
Dimensions apply to all materials unless
otherwise indicated and are in inches.
VG shapes according to T09 add
'P' after Hellermann part number
*
*
*
*
*
*
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
* VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard products and material.
For ordering procedure – refer to page 5
1221-1
0.98
0.98
0.98
0.39
0.39
0.39
4.21
2.10
2.10
0.08
0.08


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com