Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 45 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 45 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 41Page - HellermannTyton. 120-1 Datasheet HTML 42Page - HellermannTyton. 120-1 Datasheet HTML 43Page - HellermannTyton. 120-1 Datasheet HTML 44Page - HellermannTyton. 120-1 Datasheet HTML 45Page - HellermannTyton. 120-1 Datasheet HTML 46Page - HellermannTyton. 120-1 Datasheet HTML 47Page - HellermannTyton. 120-1 Datasheet HTML 48Page - HellermannTyton. 120-1 Datasheet HTML 49Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
44
1100 SERIES
RIGHT-ANGLE SHAPES
LOw PROFILE HIGH RATIO
wITH RIb-vG STyLE
This style provides connector
cable strain relief. Used in
applications of partially loaded
connectors with small cable
diameters.
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
VG Part No.
Hellermann
Part No.
H
J
H
J
P
±10%
R
±10%
Jo
±10%
T
±10%
HW
±20%
JW
±20%
1133-1
0.75
0.24
0.51
0.08
1.77
0.63
0.87
0.04
0.06
0.04
1133-2
0.76
0.25
0.51
0.08
1.18
0.64
0.29
0.12
0.06
0.04
1134-1
1.02
0.30
0.75
0.10
2.64
0.71
1.14
0.04
0.07
0.04
1135-1
1.34
0.37
1.02
0.12
3.19
0.75
1.40
0.04
0.07
0.04
1135-2
1.35
0.38
1.02
0.12
2.17
0.74
0.36
0.12
0.07
0.04
1136-1
1.71
0.45
1.34
0.14
4.57
0.83
1.85
0.07
0.07
0.04
VG 95343 T06 F011A
VG 95343 T06 F013A
VG 95343 T06 F014A
VG 95343 T06 F012A
Dimensions apply to all materials unless
otherwise indicated and are in inches.
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
* VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard material.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com