Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 43 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 43 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 39Page - HellermannTyton. 120-1 Datasheet HTML 40Page - HellermannTyton. 120-1 Datasheet HTML 41Page - HellermannTyton. 120-1 Datasheet HTML 42Page - HellermannTyton. 120-1 Datasheet HTML 43Page - HellermannTyton. 120-1 Datasheet HTML 44Page - HellermannTyton. 120-1 Datasheet HTML 45Page - HellermannTyton. 120-1 Datasheet HTML 46Page - HellermannTyton. 120-1 Datasheet HTML 47Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
42
1100 SERIES
RIGHT-ANGLE SHAPES
wITHOUT RIb
This style provides connector
cable strain relief. Can be
installed directly onto connector
rear thread.
1108-1
1108-2
1106-2
1107-2
1104-2
1103-2
1101-2
1105-2
1109-3
1106-1
1107-1
1104-1
1103-1
1101-1
1105-1
1109-2
1109-1
0.65
0.65
0.31
0.15
0.68
0.79
0.60
0.16
0.04
0.42
0.33
0.31
0.15
0.68
0.79
0.60
0.16
0.04
0.54
0.76
1.25
1.20
1.50
1.85
3.00
0.93
0.93
0.41
0.22
0.80
0.90
0.60
0.23
0.05
1.12
1.12
0.56
0.25
0.84
0.84
0.73
0.28
0.06
0.95
0.62
0.70
0.28
1.40
1.20
0.81
0.34
0.07
1.50
1.50
0.88
0.33
1.70
1.40
0.90
0.50
0.07
1.70
1.70
1.10
0.38
2.18
1.70
1.10
0.62
0.08
2.06
2.06
1.38
0.62
3.10
2.10
1.30
1.20
0.13
2.34
1.72
1.75
0.80
3.84
2.60
1.64
1.60
0.15
2.60
2.60
1.75
0.80
3.84
2.60
1.64
1.60
0.15
Hellermann Part No.
H
J
H
J
P
±10%
R
±10%
S
±10%
Jo
±10%
W
±10%
0.46
0.41
0.22
0.80
0.90
0.60
0.23
0.05
0.56
0.56
0.25
0.84
0.84
0.73
0.28
0.06
1.25
0.70
0.28
1.40
0.75
0.88
0.33
1.70
0.90
1.10
0.38
2.18
1.40
1.38
0.62
3.10
3.00
1.75
0.80
3.84
1.20
0.81
0.34
0.07
1.40
0.90
0.50
0.07
1.70
1.10
0.62
0.08
2.10
1.30
1.20
0.13
2.60
1.64
1.60
0.15
Dimensions apply to all materials unless
otherwise indicated and are in inches
*
*
*
*
*
*
*
*
*
*
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard products and materials.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com