Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 40 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 40 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 36Page - HellermannTyton. 120-1 Datasheet HTML 37Page - HellermannTyton. 120-1 Datasheet HTML 38Page - HellermannTyton. 120-1 Datasheet HTML 39Page - HellermannTyton. 120-1 Datasheet HTML 40Page - HellermannTyton. 120-1 Datasheet HTML 41Page - HellermannTyton. 120-1 Datasheet HTML 42Page - HellermannTyton. 120-1 Datasheet HTML 43Page - HellermannTyton. 120-1 Datasheet HTML 44Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
39
1100 SERIES
RIGHT-ANGLE
SHAPES wITH
RIb-vG STyLE
This style provides strain relief
for harness systems when used
in conjunction with a circular
grooved adaptor.
dimensions in inches
expanded (Min) recovered (Max)
recovered dimensions fully shrunk
VG Part No.
Hellermann
Part No.
H
J
H
J
P
±10%
R
±10%
S
±10%
Jo
±10%
HW
±20%
JW
±20%
T
±10%
VG 95343 T06 E001A
VG 95343 T06 E005A
VG 95343 T06 E007A
1152-4
0.94
0.94
0.41
0.24
1.02
0.98
0.75
0.39
0.05
0.02
0.04
VG 95343 T06 E002A
VG 95343 T06 E004A
VG 95343 T06 E006A
VG 95343 T06 E008A
1154-4
1.18
1.18
0.61
0.24
1.26
1.06
0.79
0.47
0.06
0.03
0.04
VG 95343 T06 E003A
1155-4
1.22
1.22
0.71
0.28
1.57
1.22
0.83
0.59
0.07
0.04
0.04
1156-4
1.42
1.42
0.89
0.33
1.81
1.50
1.02
0.59
0.07
0.04
0.04
1157-4
1.69
1.69
1.12
0.39
2.17
1.77
1.18
0.63
0.08
0.04
0.07
1158-4
2.36
2.36
1.38
0.63
3.15
2.13
1.38
1.18
0.13
0.06
0.07
1159-4
2.60
2.60
1.77
0.67
4.25
2.68
1.65
2.01
0.15
0.08
0.08
1160-4
3.23
3.23
2.40
0.98
4.65
3.31
2.05
1.54
0.16
0.16
0.08
Dimensions apply to all materials unless
otherwise indicated and are in inches.
For VG shapes according to T07
add 'P' after Hellermann part
number.
*
*
*
*
*
*
*
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
* VG 95343 PART 6
Fluid resistant elastomer
H
* NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard products and materials.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com