Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 37 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 37 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 33Page - HellermannTyton. 120-1 Datasheet HTML 34Page - HellermannTyton. 120-1 Datasheet HTML 35Page - HellermannTyton. 120-1 Datasheet HTML 36Page - HellermannTyton. 120-1 Datasheet HTML 37Page - HellermannTyton. 120-1 Datasheet HTML 38Page - HellermannTyton. 120-1 Datasheet HTML 39Page - HellermannTyton. 120-1 Datasheet HTML 40Page - HellermannTyton. 120-1 Datasheet HTML 41Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
36
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
NAVSEA
REFERENCE
IA62-12
400 SERIES
4-wAy OUTLET
SHAPES IN LINE
This style provides cable
sealing strain relief and
mechanical protection. Ideal for
power and signal applications.
Part No
H
J
H
J
P
±10%
R
±10%
S
(nom)
HW
±20%
JW
±20%
442-1
1.10
0.35
0.35
0.07
3.07
0.67
0.79
0.11
0.08
434-2
0.98
0.28
0.43
0.11
3.07
0.85
0.71
0.06
0.06
443-1
1.38
0.59
0.47
0.12
4.72
1.02
0.87
0.12
0.10
IA62-13
408-2
1.38
0.59
0.47
0.12
3.74
0.94
0.87
0.10
0.08
435-2
1.26
0.51
0.80
0.19
3.68
1.12
1.06
0.11
0.11
418-4
2.36
1.18
0.90
0.25
7.95
1.50
1.50
0.16
0.13
IA62-15
1.77
0.79
0.98
0.28
3.90
1.34
1.54
0.18
0.18
437-2
2.36
1.00
1.00
0.35
9.45
1.89
1.69
0.18
0.18
IA62-16
438-2
2.64
1.20
1.40
0.53
5.57
1.67
2.13
0.18
0.18
439-2
5.25
1.35
3.00
0.55
10.02
3.35
3.26
0.13
Dimensions apply to all materials unless
otherwise indicated and are in inches.
*
*
*
*
0.13
IA62-17
444-1
3.10
1.50
1.40
0.49
9.45
2.17
2.00
0.13
*
0.16
Materials availaBle
reference
specification
description
J
MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
B8
Semi-rigid polyolefin
adhesive coatiNG oPtioNs
reference
description
W1
Band lined WM250
*Standard products and material.
For ordering procedure – refer to page 5
436-2


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com