Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 35 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 35 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 31Page - HellermannTyton. 120-1 Datasheet HTML 32Page - HellermannTyton. 120-1 Datasheet HTML 33Page - HellermannTyton. 120-1 Datasheet HTML 34Page - HellermannTyton. 120-1 Datasheet HTML 35Page - HellermannTyton. 120-1 Datasheet HTML 36Page - HellermannTyton. 120-1 Datasheet HTML 37Page - HellermannTyton. 120-1 Datasheet HTML 38Page - HellermannTyton. 120-1 Datasheet HTML 39Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
34
300 SERIES
3-wAy OUTLET
SHAPES IN LINE
This style provides cable
sealing strain relief and
mechanical protection. Covers a
wide range of cable diameters.
Ideal for power and signal
applications.
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
NAVSEA
REFERENCE
Hellermann
Part No.
H
J
H
J
S
(Nom)
P
±10%
R
±10%
HW
±20%
W
±20%
318-2
0.98
0.35
0.36
0.12
0.63
3.01
0.79
0.10
0.10
1.50
0.65
0.50
0.16
1.02
4.47
2.46
0.11
0.11
1.70
0.82
0.90
0.30
1.42
3.90
1.34
0.15
0.15
1.57
1.38
0.69
2.17
9.06
1.77
0.16
0.14
2.40
1.25
1.40
0.50
1.85
5.69
1.79
0.15
0.15
4.72
2.36
2.36
0.98
3.35
11.81
3.54
0.16
0.12
1.22
0.59
0.69
0.18
0.91
3.68
1.12
0.11
0.11
2.20
1.20
0.89
0.35
1.46
7.09
1.73
0.12
0.12
3.94
1.57
1.10
0.51
N/A
8.27
1.97
0.14
0.10
3.20
1.40
2.00
0.75
2.56
5.69
1.79
0.18
0.18
4.92
2.00
2.32
1.00
2.95
11.14
2.80
0.15
0.15
339-2
319-2
320-1
328-2
355-1
342-1
330-2
340-2
341-2
323-1
IA62-5
IA62-7
IA62-6
IA62-8
IA62-9
IA62-10
IA62-11
Dimensions apply to all materials unless
otherwise indicated and are in inches.
*
*
*
*
*
*
*
*
Materials availaBle
reference
specification
description
J
MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
B8
Semi-rigid polyolefin
adhesive coatiNG oPtioNs
reference
description
W1
Band lined WM250
*Standard products and material.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com