Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 34 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 34 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 30Page - HellermannTyton. 120-1 Datasheet HTML 31Page - HellermannTyton. 120-1 Datasheet HTML 32Page - HellermannTyton. 120-1 Datasheet HTML 33Page - HellermannTyton. 120-1 Datasheet HTML 34Page - HellermannTyton. 120-1 Datasheet HTML 35Page - HellermannTyton. 120-1 Datasheet HTML 36Page - HellermannTyton. 120-1 Datasheet HTML 37Page - HellermannTyton. 120-1 Datasheet HTML 38Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
33
300 SERIES
3-wAy OUTLET
SHAPES-vG STyLE
This style provides cable
sealing strain relief and
mechanical protection.
Dimensions apply to all materials unless
otherwise indicated and are in inches.
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
VG Part No.
334-1
0.52
0.26
0.15
0.10
1.82
1.00
0.80
0.08
0.04
VG 95343 T08 D001A
306-1
0.51
0.26
0.26
0.14
1.81
0.98
0.83
0.06
0.04
VG 95343 T08 D002A
304-1
1.06
0.51
0.53
0.28
3.66
1.97
1.69
0.10
0.06
VG 95343 T08 D003A
310-1
1.52
0.75
0.75
0.39
5.31
2.91
2.44
0.12
0.08
VG 95343 T08 D004A
311-1
2.19
1.06
1.00
0.49
7.56
4.06
3.50
0.18
0.12
Hellermann
Part No.
H
J,K,L
H
J,K,L
P
±10%
R
±10%
T
±10%
HW
±20%
W
±20%
*
*
*
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
* VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard products and materials.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com