Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 32 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 32 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 28Page - HellermannTyton. 120-1 Datasheet HTML 29Page - HellermannTyton. 120-1 Datasheet HTML 30Page - HellermannTyton. 120-1 Datasheet HTML 31Page - HellermannTyton. 120-1 Datasheet HTML 32Page - HellermannTyton. 120-1 Datasheet HTML 33Page - HellermannTyton. 120-1 Datasheet HTML 34Page - HellermannTyton. 120-1 Datasheet HTML 35Page - HellermannTyton. 120-1 Datasheet HTML 36Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
31
200 SERIES
2-wAy OUTLET
SHAPES - vG STyLE
This style provides cable
sealing, strain relief and
mechanical protection.
Dimensions apply to all materials unless
otherwise indicated and are in inches.
H Expanded is maximum width not diameter.
VG Part No.
227-1
206-1
0.51
VG 95343 T08 C001A
213-1
0.68
0.68
0.44
0.44
0.31
0.31
3.27
2.52
0.09
0.04
213-2
1.57
N/A
1.25
N/A
0.31
0.31
3.27
2.52
0.09
0.09
VG 95343 T08 C005A
212-1
0.57
0.57
0.33
0.33
0.31
0.22
5.35
2.48
0.10
0.08
203-1
1.06
1.06
0.51
0.51
0.47
0.24
3.15
1.69
0.10
0.06
VG 95343 T08 C002A
VG 95343 T08 C003A
204-1
1.54
1.54
1.06
1.06
0.71
0.47
5.16
3.19
0.12
0.10
0.52
0.52
0.26
0.26
0.15
0.10
1.61
0.76
0.08
0.04
Hellermann
Part No.
H
H
-H Matl
J,K
J,K
-H Matl
H
J,K
P
±10%
R
±10%
HW
±30%
JW, KW
±30%
0.51
0.28
0.28
0.24
0.12
1.61
0.75
0.06
0.04
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
For VG shapes according to TO9
add 'P' after Hellermann part
number.
*
*
*
*
*
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
* VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard products and materials.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com