Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 26 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 26 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 22Page - HellermannTyton. 120-1 Datasheet HTML 23Page - HellermannTyton. 120-1 Datasheet HTML 24Page - HellermannTyton. 120-1 Datasheet HTML 25Page - HellermannTyton. 120-1 Datasheet HTML 26Page - HellermannTyton. 120-1 Datasheet HTML 27Page - HellermannTyton. 120-1 Datasheet HTML 28Page - HellermannTyton. 120-1 Datasheet HTML 29Page - HellermannTyton. 120-1 Datasheet HTML 30Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
MS3109-06
134-4
1.72
1.72
1.34
0.48
8.00
0.60
0.06
0.08
0.04
*
25
130 SERIES
LONG OUTLET SHAPES
LOw PROFILE vG/MIL
STyLE wITH RIb
This style is low profile and lightweight.
Typically used on airborne harnesses.
The rib locates on circular backshell.
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
VG Part No.
VG 95343 T06 D001A
Hellermann
Part No.
129-1
H
0.87
J
0.87
H
0.47
J
0.26
P
±10%
2.99
R
±10%
0.47
T
±10%
0.04
HW
±20%
0.06
JW
±20%
MIL Spec. Part No.
0.04
MS3109-01
MS3109-02
MS3109-03
MS3109-04
MS3109-05
MS3109-07
MS3109-08
MS3109-09
129-4
130-4
131-4
132-2
132-3
132-4
133-2
133-3
133-4
135-2
135-4
136-2
136-4
138-4
0.88
1.01
1.16
1.34
1.34
1.34
1.47
1.47
1.47
1.97
1.97
2.76
2.47
2.73
0.88
1.01
1.16
1.34
1.34
1.34
1.47
1.47
1.47
1.97
1.97
2.76
2.47
2.73
0.45
0.59
0.74
0.90
0.82
0.90
1.06
1.06
1.16
1.48
1.62
1.69
1.85
2.15
0.25
0.29
0.33
0.38
0.35
0.38
0.37
0.37
0.41
0.51
0.56
0.69
0.69
0.70
4.17
4.77
5.46
1.38
2.36
6.28
1.85
2.36
7.00
1.73
7.99
4.92
8.00
8.00
0.46
0.48
0.48
0.48
0.48
0.48
0.55
0.55
0.55
0.60
0.60
0.63
0.63
0.63
0.04
0.04
0.04
0.04
0.04
0.04
0.06
0.06
0.06
0.06
0.06
0.08
0.08
0.08
0.06
0.06
0.07
0.07
0.07
0.07
0.08
0.08
0.08
0.09
0.09
0.10
0.10
0.10
0.04
0.04
0.04
0.04
0.04
0.04
0.04
0.04
0.04
0.06
0.06
0.06
0.06
0.06
MS3109-10
187-4
3.22
3.22
2.41
0.82
8.00
0.63
0.08
0.10
0.06
VG 95343 T06 D002A
130-1
0.89
0.89
0.59
0.30
3.27
0.47
0.04
0.06
0.04
VG 95343 T06 D003A
131-1
1.14
1.14
0.75
0.33
3.50
0.47
0.04
0.07
0.04
VG 95343 T06 D004A
132-1
1.34
1.34
0.91
0.39
4.02
0.47
0.04
0.07
0.04
VG 95343 T06 D005A
133-1
1.46
1.46
1.18
0.43
4.25
0.55
0.07
0.08
0.04
VG 95343 T06 D006A
134-1
1.71
1.71
1.34
0.47
4.49
0.59
0.07
0.08
0.04
VG 95343 T06 D007A
135-1
1.97
1.97
1.61
0.57
4.65
0.59
0.07
0.09
0.06
VG 95343 T06 D008A
136-1
2.46
2.46
1.85
0.71
4.76
0.63
0.08
0.10
0.06
VG 95343 T06 D009A
138-1
2.72
2.72
2.36
0.79
5.00
0.63
0.08
0.10
0.06
VG 95343 T06 D010A
187-1
3.21
3.21
2.64
0.91
5.24
0.63
0.08
0.10
0.06
*
*
*
*
*
*
*
*
*
*
*
For VG shapes according to T07 add 'P'
after Hellermann part number.
Dimensions apply to all materials unless otherwise
indicated and are in inches.
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
* VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
*Standard products and materials.
For ordering procedure – refer to page 5


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com