Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 22 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 22 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 18Page - HellermannTyton. 120-1 Datasheet HTML 19Page - HellermannTyton. 120-1 Datasheet HTML 20Page - HellermannTyton. 120-1 Datasheet HTML 21Page - HellermannTyton. 120-1 Datasheet HTML 22Page - HellermannTyton. 120-1 Datasheet HTML 23Page - HellermannTyton. 120-1 Datasheet HTML 24Page - HellermannTyton. 120-1 Datasheet HTML 25Page - HellermannTyton. 120-1 Datasheet HTML 26Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
21
This style is used in conjunction
with a circular grooved
adaptor providing strain relief
and environmental sealing.
*Standard products and material.
Dimensions apply to all materials unless
otherwise indicated and are in inches.
MS 3109-14-
MS 3109-15-
MS 3109-13-
MS 3109-12-
MS 3109-11-
MIL Spec No.
Hellermann
Part No.
H
-H matl
J
J
-H matl
H
J
P
±10%
R
±10%
Jo
±10%
HW
±10%
JW
±10%
T
±10%
105-4
0.92
0.92
0.41
0.22
1.50
0.90
0.40
0.06
0.06
0.04
104-4
0.65
0.65
0.65
0.31
0.15
1.00
0.56
0.27
0.05
0.05
0.04
113-4
0.42
0.42
0.18
0.18
0.31
0.08
1.00
0.57
0.18
0.05
0.05
0.04
1009-1
0.35
0.35
0.16
0.16
0.22
0.13
1.06
0.55
0.29
0.04
0.02
0.04
1031-4
0.47
N/A
0.24
N/A
0.38
0.08
0.59
0.16
0.18
0.04
0.02
0.02
1030-4
0.47
N/A
0.24
N/A
0.38
0.08
0.75
0.31
0.18
0.04
0.02
0.02
N/A
1.22
N/A
0.56
0.26
2.17
0.90
0.40
0.06
0.06
0.04
101-4
1.22
1.22
0.70
0.28
2.60
1.50
0.70
0.08
0.08
0.04
1.42
1.42
1.42
0.88
0.33
3.15
1.70
0.70
0.07
0.07
0.04
103-4
1.68
1.68
1.68
1.68
1.11
0.39
3.90
2.50
0.86
0.08
0.08
0.07
expanded (Min)
rec'd (Max)
recovered dimensions fully shrunk
100 SERIES
bOTTLE SHAPES
wITH RIb
MIL STyLE
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
For ordering procedure – refer to page 5
MS 3109-16
107-4
2.04
2.04
2.04
2.04
1.38
0.62
4.90
2.60
1.60
0.12
0.12
0.07
MS 3109-17
118-4
2.60
2.60
2.60
2.60
1.75
0.80
6.32
3.60
1.90
0.15
0.15
0.08
MS 3109-18
119-4
3.40
3.40
3.40
3.40
2.25
1.05
8.25
4.65
2.40
0.18
0.18
0.08
1.22
*
*
*
*
*
*
1.22
106-4
1.42
1.22
0.65
0.92
0.92
102-4
1037-4
0.35
N/A
0.16
N/A
0.38
0.07
0.75
0.35
0.18
0.04
0.02
0.02
H


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com