Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 21 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 21 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 17Page - HellermannTyton. 120-1 Datasheet HTML 18Page - HellermannTyton. 120-1 Datasheet HTML 19Page - HellermannTyton. 120-1 Datasheet HTML 20Page - HellermannTyton. 120-1 Datasheet HTML 21Page - HellermannTyton. 120-1 Datasheet HTML 22Page - HellermannTyton. 120-1 Datasheet HTML 23Page - HellermannTyton. 120-1 Datasheet HTML 24Page - HellermannTyton. 120-1 Datasheet HTML 25Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
20
150 SERIES
bOTTLE SHAPES
wITH RIb - vG STyLE
*Standard products and materials.
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
* VG 95343 PART 6
Fluid resistant elastomer
H
* NAVSEA 5617649
Flexible limited fire hazard material
adhesive coatiNG oPtioNs
reference
description
WM250
General purpose hot melt +80°C
W8
High performance hot melt +105°C
W24
1 Part Epoxy 200°C
For VG shapes according to T07
add 'P' after Hellermann part
number.
Dimensions apply to all materials unless
otherwise indicated and are in inches.
VG 95343 T06 C 002A
VG 95343 T06 C 001A
157-43
1.69
1.69
1.69
1.69
1.10
0.39
3.90
2.36
0.79
0.07
0.09
0.04
VG 95343 T06 B 005A
VG 95343 T06 B 004A
VG 95343 T06 B 003A
VG 95343 T06 B 002A
VG Part No.
Hellermann
Part No.
H
H
-H matl
J
J
-H matl
H
J
P
±10%
R
±10%
S
nom
T
±20%
HW
±20%
JW
±20%
158-43
156-42
155-42
154-42
153-42
2.36
1.42
1.22
1.18
0.98
2.36
5.12
0.89
0.33
0.71
0.28
0.55
0.24
0.55
0.14
3.15
1.65
0.79
0.04
0.08
0.04
2.64
1.38
0.71
0.04
0.07
0.04
2.17
1.26
0.04
0.07
0.04
2.17
1.10
0.04
0.07
0.02
1.38
0.63
2.83
1.50
0.07
0.13
0.06
2.36
2.36
1.42
1.22
1.18
0.35
expanded (Min)
rec'd (Max)
recovered dimensions fully shrunk
1.42
1.22
1.18
0.98
1.42
1.22
1.18
0.35
0.63
0.51
For ordering procedure – refer to page 5
VG 95343 T06 B001A
152-42
0.94
0.41
0.24
1.50
0.82
0.39
0.04
0.06
0.02
0.94
0.94
0.94
VG 95343 T06 C 003A
159-43
2.60
2.60
2.60
2.60
1.77
0.67
6.73
3.54
1.97
0.08
0.15
0.08
VG 95343 T06 C 004A
160-43
3.23
3.19
3.23
3.19
2.28
1.06
8.39
4.45
2.44
0.08
0.15
0.15
0.94
0.94
0.94
0.94
0.41
0.24
1.02
0.35
0.39
0.04
0.06
0.02
VG 95343 T 06 A 001 A
152-41
VG 95343 T 06 B 009 A
160-42
3.23
3.19
3.23
3.19
2.28
1.06
6.22
2.28
2.44
0.08
0.15
0.15
VG 95343 T 06 A 009 A
VG 95343 T 06 B 008 A
VG 95343 T 06 A 008 A
159-41
2.60
2.60
2.60
2.60
1.77
0.67
5.12
1.97
1.97
0.08
0.15
0.08
VG 95343 T 06 B 007 A
158-42
2.36
2.36
2.36
2.36
1.38
0.63
4.33
2.05
1.50
0.07
0.13
0.06
VG 95343 T 06 A 007 A
VG 95343 T 06 B 006 A
VG 95343 T 06 A 006 A
157-41
1.69
1.69
1.69
1.69
1.10
0.39
2.36
0.83
0.79
0.07
0.09
0.04
VG 95343 T 06 A 005 A
156-41
1.42
1.42
1.42
1.42
0.89
0.33
2.36
0.87
0.79
0.04
0.08
0.04
VG 95343 T 06 A 004 A
155-41
1.22
1.22
1.22
1.22
0.71
0.28
1.85
0.59
0.71
0.04
0.07
0.04
VG 95343 T 06 A 003 A
154-41
1.18
1.18
1.18
1.18
0.55
0.24
1.69
0.79
0.51
0.04
0.07
0.04
VG 95343 T 06 A 002 A
153-41
0.98
0.98
0.98
0.98
0.55
0.14
1.57
0.51
0.63
0.04
0.07
0.02
159-42
158-41
157-42
3.23
2.28
2.60
2.60
2.36
1.38
1.69
3.19
1.77
0.63
1.10
0.39
3.11
1.61
0.79
0.07
0.09
0.04
1.06
5.39
1.46
2.44
0.08
0.15
0.15
0.67
5.91
2.76
1.97
0.08
0.15
0.08
3.54
1.26
1.50
0.07
0.13
0.06
3.19
2.60
3.23
2.60
2.36
1.69
2.36
1.69
2.36
1.69
160-41
Non-standard products with reduced overall lengths
*
*
*
*
*
*
*
*
This style is used in conjunction
with a circular grooved adaptor,
providing strain relief and
environmental sealing.


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com