Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 14 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 14 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 10Page - HellermannTyton. 120-1 Datasheet HTML 11Page - HellermannTyton. 120-1 Datasheet HTML 12Page - HellermannTyton. 120-1 Datasheet HTML 13Page - HellermannTyton. 120-1 Datasheet HTML 14Page - HellermannTyton. 120-1 Datasheet HTML 15Page - HellermannTyton. 120-1 Datasheet HTML 16Page - HellermannTyton. 120-1 Datasheet HTML 17Page - HellermannTyton. 120-1 Datasheet HTML 18Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
13
313E445-457
SHIM bOOT,
LOw PROFILE,
NO ADAPTER LIP
1. All dimensions are in inches – all angles in
degrees.
2. Dimensions in table:
X = Expanded (minimum);
R = Recovered (maximum)
3. Colour: Black
This part is normally used to
build up, or shim a cable
diameter to facilitate a better fit
for components in a cable
harness.
H DIA
J DIA
P
HO
HW
JW
JO
Part Number
±10%
±10%
±25%
±25%
±10%
MIN X
MAX R
MIN X
MAX R
RR
R
R
R
313E445
0.50
.50+.08/-.00
0.44
0.13
2.50
1.62
0.06
0.06
0.62
313E455
0.87
.87+.14/-.00
0.44
0.13
2.10
1.10
0.09
0.06
0.62
313E447
0.82
.50+.08/-.00
0.81
0.39
2.50
1.62
0.06
0.06
0.65
313E457
0.87
.87+.14/-.00
0.81
0.39
2.10
1.10
0.09
0.06
0.55
Materials availaBle
-6
Flexible modified Polyolefin
-8
Flexible cross-linked modified
fluoroelastomer blend
*-9
Flexible modified Elastomer
adhesive oPtioNs
adhesive (Part Numbers)
Factory applied
description
TSA-200
-200
Thermoset 125°C
TTS-250
-250
Thermoplastic 80°C
TTS-450
-450
Thermoplastic 120°C
W24
W24
1 Part Epoxy 200°C


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com