![]() |
Electronic Components Datasheet Search |
|
120-1 Datasheet(PDF) 10 Page - HellermannTyton. |
|
|
120-1 Datasheet(HTML) 10 Page - HellermannTyton. |
10 / 70 page ![]() 9 W24 - Pre applied W8 - Pre-applied / -450 v9500 * Not pre-coated W24 is a factory coated high performance W8 is a modified polyamide hot melt V9500 is a two part black epoxy epoxy adhesive. Operating adhesive which has an operating adhesive which has an temperature of -75°C to +200°C temperature of -55°C to +120°C. operating temperature of Product is Halogen free -75°C to +150°C. Conforms to BSG 198 Pt5 Type Conforms BSG 198 Pt5 Conforms BSG 198 Pt5 qualified to VG95343 Part 18 qualified to VG95343 T15A 0001 – +105°C – 50% of bond strength achieved N/A Product cures to a tack free condition when cool to enable movement of in 24 hours at +25°C. Heating Harnesses. Ultimate strength reached the assembly for 2 hours at +85°C in 7 days will produce accelerated curing XLPE/Metal 22lbs/inch XLPE/XLPE 20lbs/inch XLPE/XLPE 25lbs/inch XLPE/XLPE 30lbs/inch 330lb at +23°C 77lbs at +23°C 120lbs at +23°C AI/AI 1540lb at 23°C XLPE/Metal 40lbs at +23°C Metal/Metal 1540lbs at +23°C AI/AI 220lbs/inch 4 hours at 215°C N/A 4 hours / +215°C XLPE/XLPE 22lbs/inch XLPE/XLPE 22lbs/inch De-icing Fluid – Excellent Fair under splash conditions De-icing Fluid - Excellent Petrol – Excellent Gasoline - Excellent Lubricating Oil – Excellent Lubricating Oil - Excellent Hydraulic Fluid – Excellent Hydraulic Fluid - Excellent Flexible epoxy adhesive. For fluid High temperature hot melt. Excellent for fluid resistant resistant and use in harsh environments Bonds well to polythene and metals. applications and elevated temperatures. Excellent Compliments -H material fluid resistance. performs well in harsh environments and at elevated temperatures |
Similar Part No. - 120-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |