Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 8 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 8 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 4Page - HellermannTyton. 120-1 Datasheet HTML 5Page - HellermannTyton. 120-1 Datasheet HTML 6Page - HellermannTyton. 120-1 Datasheet HTML 7Page - HellermannTyton. 120-1 Datasheet HTML 8Page - HellermannTyton. 120-1 Datasheet HTML 9Page - HellermannTyton. 120-1 Datasheet HTML 10Page - HellermannTyton. 120-1 Datasheet HTML 11Page - HellermannTyton. 120-1 Datasheet HTML 12Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
7
additioNal ProPerties oF liMited Fire haZard Material (h)
Toxicity Index: 1.9
Test method: NES 713
Smoke Index: 9.0
Test method: NES 711
Temperature Index: 250
Test method: NES 715
Oxygen Index: 31.4
Test method: ISO 4589
B8
l
-9
-8
-6
Semi-rigid
Flexible modified
Modified
Flexible cross-linked
Flexible modified
polyolefin
fluorocarbon
Elastomer
modified fluoroelastomer
polyolefin
blend
+135
+175
+135
+135
+135
-55 to +100
-55 to +200
-55 to +120°C
-55 to +150
-55 to +120°C
Black
Black
Black
Black
Black
-
DD
N/A
-
N/A
ESI 09-11
Conforms to BSG 198 Pt5
qualified to SCX 15112
qualified to SCX15111
Conforms to
for UK Electricity Boards
Issue 3 Type DD
MIL-1-81765/1
Conforms to
Type 1+2
MIL-1-81765/4
2175 psi
1700psi
1700 psi
3000 psi
1700 psi
500%
300%
500%
450%
500%
168 hours at +175°
168 hours at +250°C
168 hours at +100°C
168 hours at +150°
168 hours at +100°C
520%
250%
300%
350%
300%
4 hours at +225°C
4 hours at +250°C
No dripping, flowing
No dripping, flowing
N/A
N/A
N/A
or cracking
or cracking
Test temperature: -55°C
Test temperature: -55°C
Test temperature: -60°C
Test temperature: -60°C
Test temperature: -60°C
No cracking
No cracking
No cracking
No cracking
No cracking
Self extinguishes
Non-burning (Self
Self extinguishes
Self extinguishes
Self extinguishes
within 1 inch
extinguishes within 0.60 inch)
within 0.60 inch
within 0.60 inch
within 0.60 inch
440V/mil
200V/mil
600V/mil
650V/mil
600V/mil
0.3%
0.5% (24hrs at 23°C)
0.15%
0.15%
0.15%
Excellent
Very Good
Excellent
Excellent
Excellent
Good
Excellent
Good
Very Good
Good
Very Good
Excellent
Good
Very Good
Good
Fair
Excellent
Fair
Very Good
Fair
Fair
Excellent
Fair
Very Good
Fair
Fair
Excellent
Fair
Very Good
Fair
Very Good
Excellent
Very Good
Excellent
Very Good


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com