Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 7 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 7 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 3Page - HellermannTyton. 120-1 Datasheet HTML 4Page - HellermannTyton. 120-1 Datasheet HTML 5Page - HellermannTyton. 120-1 Datasheet HTML 6Page - HellermannTyton. 120-1 Datasheet HTML 7Page - HellermannTyton. 120-1 Datasheet HTML 8Page - HellermannTyton. 120-1 Datasheet HTML 9Page - HellermannTyton. 120-1 Datasheet HTML 10Page - HellermannTyton. 120-1 Datasheet HTML 11Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
6
MATERIAL TESTS
AND TyPICAL
PROPERTIES
test Methods: Tensile strength: IEC 540
Elongation: IEC 540
Heat Ageing: IEC 540
Heat Shock: ASTM D2671
Low Temperature Flexibility: ASTM D2671 Method C
Flammability: ASTM D635
Dielectric Strength: ASTM D2671
Water Absorption: ASTM D570
Material reFereNce
B7
GJ
h
descriPtioN
Semi-rigid flame retarded
Fluid resistant
Flexible modified
Flexible limited fire
polyolefin
elastomer
polyolefin
hazard material
MiNiMuM shriNK teMP °c
+135
+135
+135
+135
teMPerature raNGe °c
-55 to +135
-75 to +150
-55 to +135
-55 to +105
staNdard colour
Black
Black
Black
Black
uK deF staN 59-97 reF
DA
DE
DB
DF
relevaNt sPeciFicatioNs
qualified to MIL-I-81765/1 qualified to VG95343 Part 6 qualified to MIL-I-81765/1 qualified to VG95 343 Pt29
Type 1 Semi-rigid
qualified to BSG198 Pt5
Type II Flexible
Issue 3 Type DF
qualified to BSG198 Pt5
Issue 3 Type DE
qualified to BSG198 Pt5
Conforms to NAVSEA
Issue 3 Type DA NAVSEA IA62
Issue 3 Type DB
5617649
tYPical ProPerties
TENSILE STRENGTH
1885 psi
2175 psi
2030 psi
1450 psi
ELONGATION
500%
580%
610%
450%
HEAT AGEING
168 hours at +175°C
168 hours at +160°C
168 hours at +175°C
168 hours at +150°C
ELONGATION
350%
500%
460%
430%
HEAT SHOCK
4 hours at +225°C
4 hours at +215°C
4 hours at +215°C
4 hours at +215°C
No dripping, flowing or
Tensile Strength: 2320 PSI;
No dripping, flowing or
No dripping, flowing
cracking
Elongation: 550%
cracking
or cracking
LOW TEMPERATURE
Test temperature: -55°C
Test temperature: -75°C
Test temperature: -55°C
Test temperature: -55°C
FLEXIBILITY
No cracking
No cracking
No cracking
No cracking
FLAMMABILITY
Self extinguishes
Self extinguishes
Self extinguishes
Self extinguishes
within 0.60 inch
within 0.60 inch
within 0.60 inch
within 0.60 inch
DIELECTRIC STRENGTH
560V/mil
560V/mil
480V/mil
480V/mil
WATER ABSORPTION
0.1%
0.1%
0.13%
0.2%
solveNt resistaNce
SALINE
Excellent
Excellent
Excellent
Excellent
HYDRAULIC FLUID
Very Good
Very Good
Good
Good
LUBRICATING OIL
Very Good
Very Good
Good
Good
AVIATION FUEL
Good
Very Good
Fair
Fair
AUTOMOTIVE FUEL
Good
Very Good
Fair
Fair
DIESEL FUEL
Good
Very Good
Fair
Fair
DE-ICING FLUID
Excellent
Excellent
Very Good
Very Good


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com