Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-1 Datasheet(PDF) 65 Page - HellermannTyton.

Part # 120-1
Description  NorthAmericanProductGuide
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

120-1 Datasheet(HTML) 65 Page - HellermannTyton.

Back Button 120-1 Datasheet HTML 61Page - HellermannTyton. 120-1 Datasheet HTML 62Page - HellermannTyton. 120-1 Datasheet HTML 63Page - HellermannTyton. 120-1 Datasheet HTML 64Page - HellermannTyton. 120-1 Datasheet HTML 65Page - HellermannTyton. 120-1 Datasheet HTML 66Page - HellermannTyton. 120-1 Datasheet HTML 67Page - HellermannTyton. 120-1 Datasheet HTML 68Page - HellermannTyton. 120-1 Datasheet HTML 69Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
LIMITED FIRE HAZARD
bOOT-bACkSHELL
ASSEMbLIES
hsK – 90°
HSK assemblies provide an alternative solution to standard saddle clamps which can corrode over extended
use. They provide strain relief and form an environmental seal. The spin coupler allows re-entry to the
connector after many years of service.
HSK assembly kits are available in straight or 90°. They mate to connectors according to BS 9522, F0032
and VG 95-234, typically VEAM CIR, Amphenol Series 97, and ABB MS. For assemblies to suit other Mil
Spec Connectors and materials, consult your master distributor.
Part No.
HSK1601
10SL
0.43
0.23
2.72
0.24
0.31
HSK1602
14S
0.51
0.28
3.15
0.29
0.43
HSK1603
16S
0.59
0.33
3.70
0.35
0.51
HSK1604
16
0.59
0.33
3.78
0.35
0.51
HSK1605
18
0.67
0.33
3.70
0.35
0.63
HSK1606
20
0.83
0.39
4.45
0.41
0.71
HSK1607
22
0.91
0.39
4.45
0.41
0.83
HSK1608
24
1.06
0.62
5.67
0.47
0.95
HSK1609
28
1.30
0.62
5.75
0.47
1.06
HSK1610
32
1.58
0.66
7.25
0.69
1.34
HSK1611
36
1.69
0.66
7.25
0.69
1.50
HSK1612
40
2.05
0.66
7.25
0.69
1.73
Shell Size
Max
B
Min
A
J
P
+/-10%
Min
Max
Part No.
HSK1613
10L
0.43
0.23
1.26
0.24
0.31
HSK1614
14S
0.51
0.28
1.54
0.29
0.43
HSK1615
6S
0.59
0.33
1.81
0.35
0.51
HSK1616
16
0.59
0.33
1.81
0.35
0.51
HSK1617
18
0.67
0.33
1.81
0.35
0.63
HSK1618
20
0.83
0.39
2.17
0.41
0.71
HSK1619
22
0.91
0.39
2.17
0.41
0.83
HSK1620
24
1.06
0.62
3.15
0.47
0.95
HSK1621
28
1.30
0.62
3.15
0.47
1.06
HSK1622
32
1.58
0.66
4.25
0.69
1.34
HSK1623
36
1.69
0.66
4.25
0.69
1.50
HSK1624
40
2.05
0.66
4.25
0.69
1.73
Shell Size
Max
B
Min
A
J
P
+/-10%
B
1.62
1.73
2.05
2.05
2.05
2.32
2.32
2.68
2.76
3.23
3.23
3.19
L
+/-10%
B
Min
Max
1. HSK assemblies meet the sealing requirements of VG95234.
2. HSK 1601-1624 use -H material.
Dimensions apply to all materials unless otherwise indicated and are in inches.
Cable Range
Cable Range
hsK – straight
64


Similar Part No. - 120-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BT GLENAIR-120-100-1-1-06BT Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com