Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-221 Datasheet(PDF) 20 Page - Amphenol Aerospace Operations

Part # M39029/30-221
Description  MIL-DTL-5015, Matrix
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-221 Datasheet(HTML) 20 Page - Amphenol Aerospace Operations

Back Button M39029/30-221 Datasheet HTML 16Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 17Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 18Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 19Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 20Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 21Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 22Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 23Page - Amphenol Aerospace Operations M39029/30-221 Datasheet HTML 24Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
20
Blue Color Band
E Dia.
Max
J Coupling
Thread
D Max.
F
G
Polarizing
Key
A Typ.
B Typ.
B Typ.
PANEL CUTOUT
C Dia.
4 Holes
C Dia.
L Dia.
Shell
Size*
A
±.031
B
C
Dia.
D Max.
E
Dia.
±.016
F
G
±.015
J
Thread
Class 2A
L
Dia.
±.010
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
.875
.594
.130/.115
1.662
.500
.578/.562
.083
.5000-28 UNEF
.562
10S
1.000
.719
.130/.115
1.662
.625
.578/.562
.083
.6250-24 UNEF
.688
10SL 1.000
.719
.130/.115
1.662
.625
.578/.562
.083
.6250-24 UNEF
.688
12
1.094
.812
.130/.115
1.662
.750
.765/.750
.083
.7500-20 UNEF
.812
12S
1.094
.812
.130/.115
1.662
.750
.578/.562
.083
.7500-20 UNEF
.812
14
1.188
.906
.130/.115
1.662
.875
.765/.750
.083
.8750-20 UNEF
.938
14S
1.188
.906
.130/.115
1.662
.875
.577/.562
.083
.8750-20 UNEF
.938
16
1.281
.969
.130/.115
1.662
1.937
1.000
.765/.750
.083
1.0000-20 UNEF 1.062
16S
1.281
.969
.130/.115
1.662
1.000
.577/.562
.083
1.0000-20 UNEF 1.062
18
1.375
1.062
.130/.115
1.662
1.937
1.062
.765/.750
.125
1.1250-18 UNEF 1.188
20
1.500
1.156
.130/.115
1.662
1.937
1.187
.765/.750
.125
1.2500-18 UNEF 1.312
22
1.625
1.250
.130/.115
1.662
1.937
1.312
.765/.750
.125
1.3750-18 UNEF 1.438
24
1.750
1.375
.157/.142
1.662
1.937
1.437
.827/.812
.125
1.5000-18 UNEF 1.562
28
2.000
1.562
.157/.142
1.662
1.937
1.750
.827/.812
.125
1.7500-18 UNS
1.812
32
2.250
1.750
.183/.168
1.662
1.937
2.000
.988/.875
.125
2.0000-18 UNS
2.062
36
2.500
1.938
.183/.168
1.662
1.937
2.250
.988/.875
.125
2.2500-16 UN
2.312
40
2.750
2.188
.183/.168
1.662
1.937
2.500
.988/.875
.125
2.5000-16 UN
2.562
* Consult Amphenol Aerospace for availability of shell sizes 44 and 48.
Box Mounting Receptacle
Military (MS3452), Commercial (9442)
9442
MILITARY
MS3452
PART NUMBER BUILDER PAGE M16


Similar Part No. - M39029/30-221

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Winchester Electronics ...
M39029 WINCHESTER-M39029 Datasheet
393Kb / 5P
   MRAC REMOVABLE PIN & SOCKET CONTACTS
logo
Alpha Wire
M39029 ALPHAWIRE-M39029 Datasheet
409Kb / 4P
   24 (7/32) AWG Tinned Copper
logo
Glenair, Inc.
M39029-106-614 GLENAIR-M39029-106-614 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-106-615 GLENAIR-M39029-106-615 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - M39029/30-221

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
   Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com