Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M39029/30-217 Datasheet(PDF) 5 Page - Amphenol Aerospace Operations

Part # M39029/30-217
Description  MIL-DTL-5015, Matrix
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

M39029/30-217 Datasheet(HTML) 5 Page - Amphenol Aerospace Operations

  M39029/30-217 Datasheet HTML 1Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 2Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 3Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 4Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 5Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 6Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 7Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 8Page - Amphenol Aerospace Operations M39029/30-217 Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
5
Amphenol Matrix 5015 Connector
With RADSOK® Contacts
FOR HIGH POWER APPLICATIONS
Completely environmentally sealed with contact seals,
gaskets, wire seals and insert-to-shell seals
Special design enhanced with RADSOK contacts in the plug or
receptacle instead of standard rear release crimp contacts
• All the shell styles and finishes of the Matrix 5015 family are
available, including firewall styles and non-decoupling style
• Recommended for applications up to 150° operating temperature
• Up to 40% increased current carrying capability
• RADSOK contacts provide high amperage capability with minimal
voltage loss and low insertion forces
• The RADSOK contact has a hyperbolic, stamped grid configuration
with the socket circular. As a male pin is inserted, axial members in the
female socket deflect, enabling high current flow across the connection
with minimal voltage loss
RADSOK
AMPHENOL’S DURMALONTM
Durmalon, like Olive-Drab Cadmium plating (Class W),
meets 500 hours of dynamic salt spray, combined with 500
mating cycles and meets specified millivolt drop shell-to-
shell conductivity. Durmalon also meets a 200° C tempera-
ture rating. Durmalon has been proven to meet this
requirement as well as Potassium Formate-Deicer fluid
testing performed by Boeing.
BLACK ZINC NICKEL IS AMPHENOL’S 2ND
RoHS COMPLIANT PLATING
ALTERNATIVE TO CADMIUM
Amphenol is now offering a new RoHS compliant alternative
to Cadmium. Black Zinc Nickel is a non-reflective and
conductive black finish approved for 500 hrs salt spray
making it an excellent choice for harsh environments. Black
Zinc Nickel has been qualified by the DLA. Black Zinc Nickel
is compatible with other platings and available on a wide
variety of accessories.
Standard
Contacts
RADSOK Contacts
Size
Amps
Size
Amps
Cartridge size
8
46
8
70
3.6 MM
4
80
4
120
5.7MM
0
150
0
250
9.1MM
NEW RoHS FINISHES
BLACK ZINC NICKLE FINISH


Similar Part No. - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
M39029/22-191 AMPHENOLPCD-M39029/22-191 Datasheet
2Mb / 14P
Socket Junction Systems
M39029/22-192 AMPHENOLPCD-M39029/22-192 Datasheet
2Mb / 14P
Socket Junction Systems
M39029/22-193 AMPHENOLPCD-M39029/22-193 Datasheet
2Mb / 14P
Socket Junction Systems
M39029/22-605 AMPHENOLPCD-M39029/22-605 Datasheet
2Mb / 14P
Socket Junction Systems
logo
Positronic.
M39029/63-368 POSITRONIC-M39029/63-368 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
More results

Similar Description - M39029/30-217

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
MS3459KS14S-5S AMPHENOL-MS3459KS14S-5S Datasheet
582Kb / 31P
Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
MIL-DTL-5015 Type Hermetic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com