Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 25 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 25 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 21Page - Amphenol Aerospace Operations 466511 Datasheet HTML 22Page - Amphenol Aerospace Operations 466511 Datasheet HTML 23Page - Amphenol Aerospace Operations 466511 Datasheet HTML 24Page - Amphenol Aerospace Operations 466511 Datasheet HTML 25Page - Amphenol Aerospace Operations 466511 Datasheet HTML 26Page - Amphenol Aerospace Operations 466511 Datasheet HTML 27Page - Amphenol Aerospace Operations 466511 Datasheet HTML 28Page - Amphenol Aerospace Operations 466511 Datasheet HTML 29Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
85
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
pCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
LJT00RE-XX-XXX (MS27466E)
LJT00RT-XX-XXX (MS27466T)
VIEW D ENLARGED
FOR COAXIAL USE ONLY
.844 MAX
L MAX
Z
V
N
N
P
M
.905
+.006
–.000
L MAX
FKK
S
R
(TP)
SS
R
(TP)
T
(4 HOLES)
P
M
.905
+.006
–.000
D
Z
1
S
LJTPQ00RE-XX-XXX (MS27656E)
LJTPQ00RT-XX-XXX (MS27656T)
LJTPQ00RP-XX-XXX (MS27656P)
All dimensions for reference only.
Note: MS27656 superseded MS 27515.
.005 DIA
M
LJTPQ00R (MS27656) Series I – Crimp
Wall Mounting Receptacle
(Back Panel Mounting)
Shell
Size
F Dia.
±.010 L Max.
L1
Max.
M
+.000
–.005
N Dia.
P Max. Panel
Thickness
R (TP)
S +.011
–.010
T Dia.
±.005
V Thread Class
2A (Plated)
Z Max
KK Dia.
Max
SS Dia.
+.000
–.016
9
.444
.453
.641
.820
.572
.234
.719
.938
.128
.4375-28 UNEF
.138
.625
.662
11
.558
.453
.641
.820
.700
.234
.812
1.031
.128
.5625-24 UNEF
.138
.750
.810
13
.683
.453
.641
.820
.850
.234
.906
1.125
.128
.6875-24 UNEF
.138
.875
.960
15
.808
.453
.641
.820
.975
.234
.969
1.219
.128
.8125-20 UNEF
.138
1.000
1.085
17
.909
.453
.641
.820
1.100
.234
1.062
1.312
.128
.9375-20 UNEF
.138
1.125
1.210
19
1.034
.453
.641
.820
1.207
.234
1.156
1.438
.128
1.0625-18 UNEF
.138
1.250
1.317
21
1.159
.484
.672
.790
1.332
.204
1.250
1.562
.128
1.1875-18 UNEF
.168
1.375
1.442
23
1.284
.484
.672
.790
1.457
.204
1.375
1.688
.147
1.3125-18 UNEF
.168
1.500
1.567
25
1.409
.484
.672
.790
1.582
.193
1.500
1.812
.147
1.4375-18 UNEF
.168
1.625
1.692
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
LJTPQ
00
RE
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
PART #
MS
Number
Service
Class
Shell
Size
Finish
Insert
Arrg
Contact Style
(P or S)
Alternate
Position
MS27656
E
14
A
18
P
A
Military
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com